| Electronic Components Datasheet Search |
|
HDRAZ2-4 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc. |
|
|
|||||||||||||||||||||||||||||
HDRAZ2-4 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc. |
|
|
1 / 1 page ![]() UL STYLE 21551, (5) INDIVIDUALLY SHIELDED TWISTED PAIRS, 28AWG, WITH DRAIN WIRE, (4) INDIVIDUAL CONDUCTORS, 28AWG, OVERALL SHIELD: ALUMINUM MYLAR PLUS BRAIDED TINNED COPPER, OUTER JACKET: LOW SMOKE ZERO HALOGEN, BLACK LENGTH ° FRACTIONS CA HDMI-M/RA-M LSZH UNDIMENSIONED FEATURES NONE 10/19/11 OVERALL CABLE LENGTH TOLERANCE: A B C D SCALE: SIZE DWG. NO. A SHEET OF REV. DATE APPROVALS DRAWN BY CHECKED BY APPROVED BY 1 2 3 43321 PRODUCT DESCRIPTION AUDIO/VIDEO UNLESS OTHERWISE SPECIFIED, D. CASTRO COLOR VARIATIONS ≤12 [305] = +1 [25] / -0 WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED. A B C D 1 2 3 4 5 HDRAZ2 C 1 DATE 8 6 1 D. PARHAM 10/19/11 REVISIONS DESCRIPTION MAY OCCUR 7 APPROVED DIMENSIONS ARE IN INCHES [mm] CATEGORY D.GRIFFIN B.ZHANG 10/20/11 10/20/11 ECN 9020; REVISED NOTES TO REMOVE HDMI LABEL, NEW DWG FORMAT C REV MAY VARY ECN 10853; REVISE UL STYLE TO 21551,ADD LSZH CBL CHARACTERISTICS TO DWG,NEW FORMAT 12/22/2020 M.BLACKWOOD INITIAL RELEASE CAD FILE: 4 5 6 7 8 THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE 12/22/2017 1.978.682.6936 HDRAZ2.SLDDRW ANGLES ± 1 ± 1/32 CAGE CODE A North Andover, MA 01845 USA. T-Rev.D THIRD-ANGLE PROJECTION 50 High Street, West Mill, >60 [1524] ≤120 [3048] = +4 [102] / -0 Phone: 1.800.341.5266 >120 [3048] ≤300 [7620] = +6 [152] / -0 ALL OTHER DIMENSIONAL TOLERANCES: >300 [7620] = +5% / -0 B CONFIGURATION DETAILS OF >12 [305] ≤60 [1524] = +2 [51] / -0 PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE .X = .2 [5] .XX = .02 [.5] .XXX = .005 [.13] 44.5 1.75 .41 10.5 18 2 MODEL NO. LENGTH METERS [FEET] HDRAZ2-0.5 0.5 [1.64] HDRAZ2-1 1.0 [3.28] HDRAZ2-2 2.0 [6.56] HDRAZ2-3 3.0 [9.84] HDRAZ2-4 4.0 [13.12] HDRAZ2-5 5.0 [16.41] WIRE MAP 10 14 18 3 5 9 7 16 3 "P2" 16 10 17 11 19 18 7 9 13 13 12 15 17 8 15 19 6 14 6 5 1 4 2 2 1 11 SHELL "P1" SHELL 4 8 DRAIN WIRE/BRAID 12 NOTES: 1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY. 2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031. 3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN). C C "P1" "P2" C C PIN 1 19 HDMI MALE 19 PIN CONNECTOR GOLD PLATED CONTACTS HDMI MALE 19 PIN CONNECTOR GOLD PLATED CONTACTS LSZH, BLACK LSZH, BLACK AND STRAIN RELIEF, MOLDED HOOD MOLDED HOOD AND STRAIN RELIEF, LSZH CABLE CHARACTERISTICS: FLAME RATING: IEC 60332-1 CORROSIVE GAS: IEC 60754 SMOKE EMISSION: IEC 61034 18 2 PIN 1 19 |
Similar Part No. - HDRAZ2-4 |
|
Similar Description - HDRAZ2-4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |