Electronic Components Datasheet Search
  English  ▼

X  

FMMT1002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMMT1002
Description  Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 1 GHz to 2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMT1002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMMT1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV 1.0 Page 1 of 6
Copyright © 2018
The FMMT1002 is a biased Schottky detector that displays an extremely flat
frequency response over a broad frequency range from 1 GHz to 2 GHz. The
model features Negative video output polarity, with no external DC bias source
is required. Additional features include 50 ohm matched inputs, high voltage
sensitivity for very small signal detection of 2000 mV/mW typical, and can withstand
maximum input power levels up to +23 dBm CW. Operating temperature range is
-55°C to +125°C. The compact and rugged cylindrical package supports an SMA
male input connector and SMA female output connector and is ideal for use with
precision test and measurement, instrumentation, and subsystem assemblies.
Electrical Specifications
.
Description
Min
Typ
Max
Unit
Frequency Range
1000 MHz
2 GHz
Flatness
±0.25
dB
Input Power
+23
dBm
Operating Temperature Range
-55
+125
deg C
.
Electrical Specification Notes:
@ +25 deg C, 100uA Bias, and -20 dBm Pin
Voltage Sensitivity is that of an open circuit
TSS is measured with a 2 MHz video bandwidth and a 2 dB NF Amplifier
FMMT1002
DATA SHEET
Biased Detector With SMA Male to SMA Female and
Negative Video Out Operating From 1 GHz to 2 GHz
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Biased Schottky Diode Detector
• 1 GHz to 2 GHz Frequency Range
• Extremely Flat Frequency
Response
• Maximum Input Power +23 dBm
• Negative Video Output Polarity
Applications:
• Electronic Warfare
• Test & Measurement
• System Monitoring
• AM Noise Measurements
• Military & Space
• Radar
• Pulsed RF Measurements in
Ultra Broadband Applications
• Leveling Pulse Signal Sources
• Military Communications
Systems


Similar Part No. - FMMT1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT10024 FAIRVIEW-FMMT10024 Datasheet
540Kb / 3P
High Power Limiter, SMA, 100W Peak Power, 20 ns Recovery, 16 dBm Flat Leakage, 6 GHz to 18 GHz
REV 1.1
More results

Similar Description - FMMT1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8002-P PASTERNACK-PE8002-P Datasheet
247Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8004 PASTERNACK-PE8004 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8005 PASTERNACK-PE8005 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8009-P PASTERNACK-PE8009-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE8016 PASTERNACK-PE8016 Datasheet
216Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 8 GHz
PE8003-P PASTERNACK-PE8003-P Datasheet
240Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8007 PASTERNACK-PE8007 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 16 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com