Electronic Components Datasheet Search
  English  ▼

X  

FMMT3000 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMMT3000
Description  Zero Biased Waveguide Detector WR-10 to SMA Female and Negative Video Out from 75 GHz to 100 GHz W Band, UG-387/U Round Cover Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMT3000 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMMT3000 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMT3000 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMT3000 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Performance Data
-3000
-2600
-2200
-1800
-1400
-1000
-600
-200
200
600
1000
75
80
85
90
95
100
105
110
mV/mW
GHz
SENSITIVITY vs FREQUENCY
Zero Biased Waveguide Detector WR-10 to SMA Female and Negative Video Out from 75 GHz to 100 GHz W Band, UG-
387/U Round Cover Flange from Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave
products are available off-the-shelf from our ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview Microwave is
RF on-demand.
For additional information on this product, please click the following link: Zero Biased Waveguide Detector WR-10 to SMA
Female and Negative Video Out from 75 GHz to 100 GHz W Band, UG-387/U Round Cover Flange FMMT3000
URL: https://www.fairviewmicrowave.com/zero-biased-waveguide-detector-wr-10-sma-female-negative-75-100-ghz-
fmmt3000-p.aspx
.
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 2 of 3
FMMT3000
DATA SHEET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com