Electronic Components Datasheet Search
  English  ▼

X  

STN4NF03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STN4NF03L
Description  N-channel 30 V - 0.039 Ω - 6.5 A - SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF03L Datasheet(HTML) 4 Page - STMicroelectronics

  STN4NF03L_07 Datasheet HTML 1Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 2Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 3Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 4Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 5Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 6Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 7Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 8Page - STMicroelectronics STN4NF03L_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STN4NF03L
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = max rating,
VDS = max rating @125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±16 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 2 A
VGS = 5 V, ID= 2 A
0.039
0.046
0.05
0.06
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VDS = 10 V, ID = 1 A
36
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz, VGS = 0
330
90
40
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 24 V, ID = 4 A
VGS =10 V
(see Figure 14)
6.5
3.2
2
9nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
rise time
VDD = 15 V, ID= 2 A,
RG = 4.7 Ω, VGS = 4.5 V
(see Figure 15)
11
100
ns
ns
td(off)
tf
Turn-off-delay time
fall time
VDD = 15 V, ID = 2 A,
RG = 4.7 Ω, VGS = 4.5 V
(see Figure 15)
35
22
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com