Electronic Components Datasheet Search
  English  ▼

X  

QCL-LAB Datasheet(PDF) 22 Page - Wavelength Electronics, Inc.

Part # QCL-LAB
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB Datasheet(HTML) 22 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
MECHANICAL SPECIFICATIONS
0.72
[3.89]
0.66
[16.8]
3.92
[99.6]
6.10
[154.9]
8.49
[215.6]
Dimensions are in inches [mm].
Tolerance is ±5%.
8.860
[225.0]
3.47
[88.14]
8.860
[225.0]
16.35
[415]
16.35
[415]
17.72 [450]
3.47
[88.14]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com