Electronic Components Datasheet Search
  English  ▼

X  

QCL-LAB161 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # QCL-LAB161
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB161 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  QCL-LAB161 Datasheet HTML 1Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 2Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 3Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 4Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 5Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 6Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 7Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 8Page - Wavelength Electronics, Inc. QCL-LAB161 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
USER GUIDE
Low-Noise QCL Driver — Laboratory Series1
Firmware versions 1.5 and later operate with the
LabVIEW Virtual Instrument application and the Remote Command Set
ORDERING INFORMATION
PART NO
DESCRIPTION
QCL500 LAB
500 mA Low Noise QCL Instrument
QCL1000 LAB
1.0 A Low Noise QCL Instrument
QCL1500 LAB
1.5 A Low Noise QCL Instrument
QCL2000 LAB
2.0 A Low Noise QCL Instrument
NOISESCAN
Noise Characterization Scan
55-110014
SMA-BNC Cable
55-110015
USB Cable
WCB310
Shielded SMA-SMA Cable
QCLTL-LO
Resistive Test Load for QCL500 or
QCL1000
QCLTL-1500
Resistive Test Load for QCL1500
QCLTL-2000
Resistive Test Load for QCL2000
RCKMT-LABSNGL
19” Single Unit Rack Mount Kit
RCKMT-LABDUAL
19” Double Unit Rack Mount Kit
INTLK REPL KIT
(included with purchase)
Interlock Replacement Kit with BNC
terminator and modified D-SUB
connector to override interlocks
e
Pb
RoHS
Applies to Product Revision A,
firmware 1.5 and later
© December 2023
1
Covered by U.S. Patents 6,696,887; 6,867,644 and 7,176,755. Licensed from Battelle Memorial Institute
The datasheet for the QCL LAB Series Firmware Version 0.79 (compatible with the QuickConnect Application) is located at:
www.teamwavelength.com/download/datasheets/qcl-lab079.pdf
QCL
TABLE OF CONTENTS
GENERAL OVERVIEW
2
SAFETY
3
QUICK CONNECT GUIDE
4
PIN DESCRIPTIONS
6
ELECTRICAL SPECIFICATIONS
7
OPERATING INSTRUCTIONS
(STAND-ALONE)
9
REMOTE OPERATING INSTRUCTIONS 16
TROUBLESHOOTING
17
ADDITIONAL TECHNICAL NOTES
20
MECHANICAL SPECIFICATIONS
22
CE DECLARATION OF CONFORMITY
23
WARRANTY & CERTIFICATION
24
PAGE


Similar Part No. - QCL-LAB161

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
QCL-LAB WAVELENGTH-QCL-LAB Datasheet
4Mb / 24P
Low-Noise QCL Driver — Laboratory
January 2025
QCL-LAB079 WAVELENGTH-QCL-LAB079 Datasheet
4Mb / 29P
Low-Noise QCL Driver — Laboratory
December 2016
More results

Similar Description - QCL-LAB161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3570 NSC-LM3570 Datasheet
352Kb / 13P
Low Noise White LED Driver System
logo
Supertex, Inc
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
logo
List of Unclassifed Man...
ATLS1A102 ETC2-ATLS1A102 Datasheet
104Kb / 6P
Low Noise Constant Current Laser Driver
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
12.5-17GHz Low-Noise Driver Amplifier
logo
Micrel Semiconductor
MIC4832 MICREL-MIC4832_09 Datasheet
497Kb / 11P
Low Noise 220VPP EL Driver
MIC4830 MICREL-MIC4830_09 Datasheet
609Kb / 12P
Low Noise 180VPP EL Driver
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Linear Technology
LTC1340 LINER-LTC1340_15 Datasheet
241Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
logo
Supertex, Inc
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
Low Noise, Dimmable EL Lamp Driver
logo
Microchip Technology
MIC4832 MICROCHIP-MIC4832 Datasheet
2Mb / 22P
Low-Noise 220VPP EL Driver
Rev.B February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com