Electronic Components Datasheet Search
  English  ▼

X  

GT-CSHPM1-13 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GT-CSHPM1-13
Description  OSLON® SSL 150
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GT-CSHPM1-13 Datasheet(HTML) 1 Page - ams-OSRAM AG

  GT-CSHPM1-13 Datasheet HTML 1Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 2Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 3Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 4Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 5Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 6Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 7Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 8Page - ams-OSRAM AG GT-CSHPM1-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
GT CSHPM1.13
1 Version 1.15 | 2020-11-20
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GT CSHPM1.13
OSLON® SSL 150
New, higher performing OSLON SSL family LED with
well known superior robustness, high reliability, long
lifetime, low thermal resistance. Perfectly addressing
applications demanding for high efficiency and long
lifetime requirement.
—
Architecture
—
Architecture / Garden Lighting (LED & Laser)
—
Medical Illumination
—
Photo Therapy
Features:
—
Package: SMT ceramic package with silicone lens
—
Typ. Radiation: 150°
—
Lumen maintenance: Test results according to IESNA LM-80 available
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
—
Luminous Flux: typ. 155 lm
—
Luminous efficacy: typ. 164 lm/W


Similar Part No. - GT-CSHPM1-13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GT-CSHPM1.13 OSRAM-GT-CSHPM1.13 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - GT-CSHPM1-13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
GTCSHPM1.13 OSRAM-GTCSHPM1.13 Datasheet
1Mb / 22P
OSLON SSL 150
GTCSSPM1.13 OSRAM-GTCSSPM1.13 Datasheet
2Mb / 22P
OSLON SSL 120
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
OSLON SSL 120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com