Electronic Components Datasheet Search
  English  ▼

X  

GS1084LM Datasheet(PDF) 8 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1084LM
Description  5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1084LM Datasheet(HTML) 8 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS1084LM Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS1084LM Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.gs-power.com
TO-252 PLASTIC PACKAGE
Dimensions
SYMBOL
Millimeters
Inches
MIN
MAX
MIN
MAX
A
2.18
2.39
.086
.094
A1
-
0.13
-
.005
b
0.64
0.89
.025
.035
b1
0.76
1.14
.030
.045
b2
4.95
5.46
.195
.215
C
0.46
0.61
.018
.024
C1
0.46
0.89
.018
.035
D
5.97
6.22
.235
.245
D1
5.21
-
.205
-
E
6.35
6.73
.250
.265
E1
4.32
-
.170
-
e
2.29 (TYP)
.090 (TYP)
H
9.40
10.41
.370
.410
L
1.40
1.78
.055
.070
L1
2.74 (TYP)
.108 (TYP)
L2
0.51 (TYP)
.020 (TYP)
L3
0.89
1.27
.035
.050
L4
-
1.02
-
.040
L5
1.14
1.52
.045
.060
0°
10°
0°
10°
1
0°
15°
0°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com