Electronic Components Datasheet Search
  English  ▼

X  

GS2803L33F Datasheet(PDF) 3 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2803L33F
Description  Low Current Consumption and Low Dropout Voltage LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2803L33F Datasheet(HTML) 3 Page - Globaltech Semiconductor Co.,Ltd

  GS2803L33F Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS2803L33F Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.gs-power.com
Marking Information
SOT-23/SOT-23-5L (Z/L Type)
DFN1x1-4L (F Type)
SOT-23
SOT-23-5L
Marking
DFN1x1-4L
Marking
Output Voltage
GS2803Z10F
GS2803L10F
CGNXWG
GS2803F10F
GN
1.0V
GS2803Z12F
GS2803L12F
CGDXWG
GS2803F12F
GD
1.2V
GS2803Z15F
GS2803L15F
CGGXWG
GS2803F15F
GG
1.5V
GS2803Z18F
GS2803L18F
CGFXWG
GS2803F18F
GF
1.8V
GS2803Z20F
GS2803L20F
CGLYWG
GS2803F20F
GL
2.0V
GS2803Z22F
GS2803L22F
CGMYWG
GS2803F22F
GM
2.2V
GS2803Z25F
GS2803L25F
CGHYWG
GS2803F25F
GH
2.5V
GS2803Z28F
GS2803L28F
CGJXWG
GS2803F28F
GJ
2.8V
GS2803Z30F
GS2803L30F
CGQXWG
GS2803F30F
GQ
3.0V
GS2803Z33F
GS2803L33F
CGRXWG
GS2803F33F
GR
3.3V
GS2803Z35F
GS2803L35F
CGTXWG
GS2803F35F
GT
3.5V
Absolute Maximum Ratings
(TA=25°C unless otherwise specified)
Symbol
Parameter
Max
Units
VIN
Power Supply Voltage
6.0
V
VEN
Enable Voltage
6.0
V
VOUT
Output Voltage
-0.3 to VIN
V
IOUT
Output Current
250
mA
PD
Power Dissipation
SOT-23-5L
600
mW
SOT-23
560
DFN1x1-4L
340
TSTG
Storage Temperature Accuracy
-40 to 125
°C
TA
Operating Temperature Range
-40 to 85
°C
TOPA
Operating Ambient Temperature Range
-40 to 85
°C
TLEAD
Lead Temperature(soldering) 5sec.
260
°C
θJA
Thermal Resistance Junction to
Ambient
SOT-23-5L
166
°C/W
SOT-23
179
DFN1x1-4L
294
HBM
ESD Rating(Human Body Model)
4
KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com