Electronic Components Datasheet Search
  English  ▼

X  

ACTX3034D Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTX3034D
Description  Bandpass Filter for Digital Cable Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTX3034D Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTX3034D Datasheet HTML 1Page - Advanced Crystal Technology ACTX3034D Datasheet HTML 2Page - Advanced Crystal Technology ACTX3034D Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
ACTX3034D/44.0/SIP5D
Features
n IF filter for digital cable TV
n Plastic Package
Package Dimension
Pin Configuration
Performance
Maximum Ratings
Rating
Value
Unit
Operable Temperature Range
TA
-25 to +65
°C
Storage Temperature Range
Tstg
-40 to +85
°C
DC Voltage (between any terminals)
VDC
5
V
AC Voltage (between any terminals)
VPP
10
V
Bandpass Filter for Digital Cable Applications
44.00MHz
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTX3034D

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTX3033D ACT-ACTX3033D Datasheet
97Kb / 3P
Bandpass Filter for Digital Cable & STB Applications
SEPT 04
ACTX3033D/36.125/SIP5D ACT-ACTX3033D/36.125/SIP5D Datasheet
97Kb / 3P
Bandpass Filter for Digital Cable & STB Applications
SEPT 04
More results

Similar Description - ACTX3034D

ManufacturerPart #DatasheetDescription
logo
EPCOS
X6753M EPCOS-X6753M Datasheet
80Kb / 8P
SAW bandpass filter Bandpass filters for terrestrial TV applications
X6756M EPCOS-X6756M Datasheet
82Kb / 7P
SAW bandpass filter Bandpass Filter for Digital Cable Applications
X6764D EPCOS-X6764D Datasheet
75Kb / 7P
SAW bandpass filter Bandpass filters for terrestrial TV applications
X7550D EPCOS-X7550D Datasheet
77Kb / 8P
SAW bandpass Filter Low loss bandpass filter for terrestrial TV applications
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3033D ACT-ACTX3033D Datasheet
97Kb / 3P
Bandpass Filter for Digital Cable & STB Applications
SEPT 04
ACTX3077D ACT-ACTX3077D Datasheet
99Kb / 3P
Bandpass Filter for Digital Audio Applications
SEPT 04
ACTX3134D ACT-ACTX3134D Datasheet
96Kb / 3P
Bandpass Filter for Digital Cable Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
TriQuint Semiconductor
854823 TRIQUINT-854823_15 Datasheet
41Kb / 1P
86.6 MHz Bandpass Filter for GSM / DCS / PCS Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com