Electronic Components Datasheet Search
  English  ▼

X  

MC1403N Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC1403N
Description  2.5V PRECISION SERIAL VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1403N Datasheet(HTML) 1 Page - STMicroelectronics

  MC1403N Datasheet HTML 1Page - STMicroelectronics MC1403N Datasheet HTML 2Page - STMicroelectronics MC1403N Datasheet HTML 3Page - STMicroelectronics MC1403N Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1- VIN
2- VOUT
3 - GND
4 - N.C.
5 - N.C.
6 - N.C.
7 - N.C.
8 - N.C.
N
DIP8
(Plastic Package)
.
OUTPUT VOLTAGE : 2.5V
±1%
.
INPUT VOLTAGE RANGE : 4.5V to 40V
.
QUIESCENT CURRENT : 1.2mA typ.
.
OUTPUT CURRENT : 10mA
DESCRIPTION
The MC1403 is a serial 2.5V bandgap voltage ref-
erence. The major advantages are the 1% preci-
sion, the wide input voltage range (4.5V to 40V) and
the low quiescent current (1.5mA max.)
PIN CONNECTIONS (top views)
876
5
123
4
DIP8/SO8
D
SO8
(Plastic Micropackage)
2.5V PRECISION SERIAL VOLTAGE REFERENCE
MC1403
ORDER CODES
Part number
Temperature Range
Package
ND
MC1403
0
oC, +70oC
••
October 1997
1/4


Similar Part No. - MC1403N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
Low Voltage Reference
March, 2005 ??Rev. 4
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
40Kb / 3P
2.5V PRECISION SERIAL VOLTAGE REFERENCE
Feb-2002
More results

Similar Description - MC1403N

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
2.5V Precision Voltage Reference
REF-43 AD-REF-43 Datasheet
498Kb / 12P
2.5V Low Power Precision Voltage Reference
logo
Intersil Corporation
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
Precision 2.5V FGA Voltage Reference
March 15, 2005
X60008B-25 INTERSIL-X60008B-25_06 Datasheet
298Kb / 10P
Precision 2.5V FGA??Voltage Reference
May 24, 2006
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
2.5V PRECISION VOLTAGE REFERENCE
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403_02 Datasheet
40Kb / 3P
2.5V PRECISION SERIAL VOLTAGE REFERENCE
Feb-2002
logo
Anaren Microwave
MSK109RH ANAREN-MSK109RH Datasheet
412Kb / 7P
2.5V RAD HARD PRECISION VOLTAGE REFERENCE
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
Wide Supply 2.5V Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com