Electronic Components Datasheet Search
  English  ▼

X  

GW-DASPA2-EC Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-DASPA2-EC
Description  OSCONIQ® P 2226
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-DASPA2-EC Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-DASPA2-EC Datasheet HTML 1Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 2Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 3Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 4Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 5Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 6Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 7Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 8Page - ams-OSRAM AG GW-DASPA2-EC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
GW DASPA2.EC
2 Version 1.6 | 2022-02-08
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 100 mA
Φ
V
GW DASPA2.EC-HRHT-5U8X-1
2700 K
33 ... 42 lm
Q65112A5408
GW DASPA2.EC-HSHU-5R8T-1
3000 K
36 ... 45 lm
Q65112A5409
GW DASPA2.EC-HSHU-5O8Q-1
3500 K
36 ... 45 lm
Q65112A5410
GW DASPA2.EC-HTJP-5L7N-1
4000 K
39 ... 48 lm
Q65112A5411
GW DASPA2.EC-HTJP-5J7K-1
4500 K
39 ... 48 lm
Q65112A5412
GW DASPA2.EC-HTJP-5H7I-1
5000 K
39 ... 48 lm
Q65112A5413
GW DASPA2.EC-HTJP-5F7G-1
5700 K
39 ... 48 lm
Q65112A5414
GW DASPA2.EC-HTJP-5C7E-1
6500 K
39 ... 48 lm
Q65112A5415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com