Electronic Components Datasheet Search
  English  ▼

X  

CSW13T Datasheet(PDF) 13 Page - Clarke International

Part # CSW13T
Description  SPOT WELDER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSW13T Datasheet(HTML) 13 Page - Clarke International

Back Button CSW13T Datasheet HTML 9Page - Clarke International CSW13T Datasheet HTML 10Page - Clarke International CSW13T Datasheet HTML 11Page - Clarke International CSW13T Datasheet HTML 12Page - Clarke International CSW13T Datasheet HTML 13Page - Clarke International CSW13T Datasheet HTML 14Page - Clarke International CSW13T Datasheet HTML 15Page - Clarke International CSW13T Datasheet HTML 16Page - Clarke International CSW13T Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
Frequency of maintenance operations depends on the operating conditions:
how intensively the welder is used, how clean or dirty the welding site is
(aggressive atmospheres, etc).
Before use, always inspect the welder, checking for security and cleanliness of
arms and electrodes to ensure they are in perfect condition. Ensure also that
the power cable is in perfect condition at all times.
As a general rule the power supply should be inspected internally at least
twice a year.
1. Access the inside of the machine by removing the screws securing the side
cover and carefully hinge the cover down.
2. Clean the transformer using a blast of dry compressed air with a maximum
pressure of 10 bar. NEVER direct the compressed air jet on to the circuit
boards. These should be cleaned with a soft brush and vacuumed or
blown with air at very low pressure. ALWAYS use a face mask for these
operations.
3. Check all wiring for insulation damage or loose or oxidised connections.
Repair/replace where necessary. Check all screws and connections are
tight and there are no signs of oxidation or overheating.
4. Replace the cover.
WARNING: ELECTRICITY CAN KILL. NEVER TOUCH LIVE ELECTRICAL
COMPONENTS. DISCONNECT THE POWER SUPPLY BEFORE ALL
INSPECTIONS AND MAINTENANCE OPERATIONS. BEWARE HOT
SURFACES......ALWAYS LET THE MACHINE COOL DOWN BEFORE
ACCESSING INTERNAL COMPONENTS.
WARNING: NEVER CONNECT THE MACHINE UNLESS THE COVER IS
REPLACED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com