Electronic Components Datasheet Search
  English  ▼

X  

SPP15A Datasheet(PDF) 4 Page - Clarke International

Part # SPP15A
Description  SWIMMING POOL PUMP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SPP15A Datasheet(HTML) 4 Page - Clarke International

  SPP15A Datasheet HTML 1Page - Clarke International SPP15A Datasheet HTML 2Page - Clarke International SPP15A Datasheet HTML 3Page - Clarke International SPP15A Datasheet HTML 4Page - Clarke International SPP15A Datasheet HTML 5Page - Clarke International SPP15A Datasheet HTML 6Page - Clarke International SPP15A Datasheet HTML 7Page - Clarke International SPP15A Datasheet HTML 8Page - Clarke International SPP15A Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Connect the mains lead to a standard, 230 Volt (50Hz) electrical supply through an
approved 13 amp BS 1363 plug, or a suitably fused isolator switch.
If the plug has to be changed because it is not suitable for your socket, or because of
damage, it must be removed and a replacement fitted, following the wiring
instructions shown below. The old plug must be discarded safely, as insertion into a
power socket could cause an electrical hazard
.
If the colours of the wires in the power cable do not agree with the markings on the
plug.
• The BLUE wire must be
connected to the terminal
marked N.
• The BROWN wire must be
connected to the terminal
marked L.
• The YELLOW AND GREEN
wire must be connected to
the terminal marked E or
.
AN APPROVED RESIDUAL CURRENT DEVICE (RCD) WHICH HAS A
TRIPPING CURRENT OF LESS THAN 30MA MUST BE USED.
If you are not sure, consult a qualified electrician. DO NOT try to do any repairs.
WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE
MAINS SUPPLY.
WARNING: THE WIRES IN THE POWER CABLE OF THIS PRODUCT
ARE COLOURED IN ACCORDANCE WITH THE FOLLOWING
CODE:
BLUE = NEUTRAL
BROWN = LIVE
YELLOW AND GREEN =
EARTH
Plug must be BS1363/A approved.
Always fit
Ensure that the outer sheath of
Neutral
(Blue)
Live
(Brown)
Earth
(Green and
a 13 Amp
the cable is firmly held by the clamp
fuse.
Yellow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com