Electronic Components Datasheet Search
  English  ▼

X  

EPC800 Datasheet(PDF) 4 Page - Clarke International

Part # EPC800
Description  ELECTRONIC PUMP CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

EPC800 Datasheet(HTML) 4 Page - Clarke International

  EPC800 Datasheet HTML 1Page - Clarke International EPC800 Datasheet HTML 2Page - Clarke International EPC800 Datasheet HTML 3Page - Clarke International EPC800 Datasheet HTML 4Page - Clarke International EPC800 Datasheet HTML 5Page - Clarke International EPC800 Datasheet HTML 6Page - Clarke International EPC800 Datasheet HTML 7Page - Clarke International EPC800 Datasheet HTML 8Page - Clarke International EPC800 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Connect the mains lead to a standard, 230 Volt (50Hz) electrical supply through an
approved 13 amp BS 1363 plug or a suitably fused isolator switch.
If the plug has to be changed because it is not suitable for your socket, or because of
damage, it must be removed and a replacement fitted, following the wiring instructions
shown below. The old plug must be discarded safely, as insertion into a power socket
could cause an electrical hazard
.
If the colours of the wires in the power cable do not agree with the markings on the
plug.
• The BLUE wire must be
connected to the
terminal marked N or
coloured black.
•The BROWN wire must be
connected to the
terminal marked L or
coloured red.
• The YELLOW AND GREEN
wire must be connected
to the terminal marked E
or
or coloured green.
We strongly recommend
that this product is connected to the mains supply through a Residual Current
Device (RCD)
If you are in any doubt regarding electrical installation, you should consult a
qualified electrician.
EXTENSION CABLES
The maximum length of cable should not exceed 25 metres, and the size of
the conductors must be AT LEAST the same size as that on the EPC800.
Ensure that all connections are well clear of the water.
WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE MAINS
SUPPLY.
WARNING: THE WIRES IN THE POWER CABLE OF THIS PRODUCT ARE
COLOURED IN ACCORDANCE WITH THE FOLLOWING CODE:
BLUE = NEUTRAL
BROWN = LIVE
YELLOW AND GREEN = EARTH
Plug must be BS1363/A approved.
Always fit
Ensure that the outer sheath of
Neutral
(Blue)
Live
(Brown)
Earth
(Green and
a 13 Amp
the cable is firmly held by the clamp
fuse.
Yellow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com