Electronic Components Datasheet Search
  English  ▼

X  

MC1403D Datasheet(PDF) 2 Page - STMicroelectronics

Part # MC1403D
Description  2.5V PRECISION SERIAL VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1403D Datasheet(HTML) 2 Page - STMicroelectronics

  MC1403D Datasheet HTML 1Page - STMicroelectronics MC1403D Datasheet HTML 2Page - STMicroelectronics MC1403D Datasheet HTML 3Page - STMicroelectronics MC1403D Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
Input Voltage
40
V
Toper
Operating Free-air Temperature Range
0 to +70
oC
Tstg
Storage Temperature Range
-65 to +150
oC
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VIN
Input Voltage (Io = 0mA)
4.5 to 40
V
ELECTRICAL CHARACTERISTICS
Tamb =25
oC, VIN = 15V (unless otherwise specified)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
VOUT
Output Voltage
IOUT = 0mA
2.475
2.5
2.525
V
∆VO
∆T
Temperature Coefficient of Output Voltage
IOUT = 0mA
10
40
ppm/
oC
∆VO
Output Voltage change Over the Full Temperature Range
IOUT = 0mA
2
7
mV
Reg line
Line Regulation
IOUT = 0mA, 4.5V
≤ Vi ≤ 15V
IOUT = 0mA, 15V
≤ Vi ≤ 40V
3
4.5
mV
Reg load
Load Regulation
0
≤ IOUT ≤ 10mA
10
mV
IQ
Quiescent Current
IOUT = 0mA
1.2
1.5
mA
MC1403
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com