Electronic Components Datasheet Search
  English  ▼

X  

CWG200 Datasheet(PDF) 4 Page - Clarke International

Part # CWG200
Description  200A 5KW WELDER GENERATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWG200 Datasheet(HTML) 4 Page - Clarke International

  CWG200 Datasheet HTML 1Page - Clarke International CWG200 Datasheet HTML 2Page - Clarke International CWG200 Datasheet HTML 3Page - Clarke International CWG200 Datasheet HTML 4Page - Clarke International CWG200 Datasheet HTML 5Page - Clarke International CWG200 Datasheet HTML 6Page - Clarke International CWG200 Datasheet HTML 7Page - Clarke International CWG200 Datasheet HTML 8Page - Clarke International CWG200 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PREPARATION OF THE WORKING AREA
The working area must be sufficiently spacious, with low humidity and well-ventilated
so as to avoid any fumes which develop from the welding process and from incidental
material adhering to the pieces to be welded (oils, paints, tars...) which may cause
danger to the operator.
Avoid welding by contact with humid parts nearby combustible liquids. Least of all, do
not weld upon tanks which may contain inflammable residuals.
FIRE PREVENTION
• ALWAYS switch the engine OFF when refuelling.
• ALWAYS refuel away from any source of heat.
• ALWAYS refuel in a well ventilated area.
• NEVER overfill fill the tank, fill to the level specified.
• NEVER smoke whilst refuelling and avoid smoking or using a naked flame near
the generator.
• NEVER start the engine if there is a fuel spill. Any spillage must be wiped clean
and the machine allowed to dry before attempting to start the engine.
PREVENTION OF ELECTRIC SHOCK
• ALWAYS store the generator undercover when not in use and away from damp
or wet conditions.
• NEVER use the generator when it is raining or snowing or in wet or damp
conditions.
• NEVER operate the generator with wet hands.
• NEVER use water or any other liquids to clean the generator.
POSITIONING THE MACHINE FOR USE
• ALWAYS leave at least a 1 metre gap between the generator and any
surrounding building or structure.
• ALWAYS ensure the generator is on a solid, flat surface.
WARNING: ELECTRIC SHOCK CAN BE FATAL. A PERSON QUALIFIED
IN FIRST AID SHOULD ALWAYS BE PRESENT IN THE WORKING
AREA. IF PERSON IS UNCONSCIOUS AND ELECTRIC SHOCK IS
SUSPECTED, DO NOT TOUCH THE PERSON IF HE OR SHE IS IN
CONTACT WITH THE WELDER OR CABLES. TURN OFF THE
GENERATOR AND THEN USE FIRST AID. DRY WOOD, OR OTHER
INSULATING MATERIAL CAN BE USED TO MOVE CABLES, IF
NECESSARY, AWAY FROM THE PERSON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com