Electronic Components Datasheet Search
  English  ▼

X  

AT131 Datasheet(PDF) 7 Page - Clarke International

Part # AT131
Description  PRESSURE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AT131 Datasheet(HTML) 7 Page - Clarke International

  AT131 Datasheet HTML 1Page - Clarke International AT131 Datasheet HTML 2Page - Clarke International AT131 Datasheet HTML 3Page - Clarke International AT131 Datasheet HTML 4Page - Clarke International AT131 Datasheet HTML 5Page - Clarke International AT131 Datasheet HTML 6Page - Clarke International AT131 Datasheet HTML 7Page - Clarke International AT131 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PARTS & SERVICING
MARKINGS
Product code markings can be found around the circumference of the
regulator body as follows;
1.
K - Pressure reducer class (1)
2.
N - Gas type
3.
091269 - Lot number
3.
230 bar - maximum inlet pressure (P1)
TECHNICAL SPECIFICATION
For parts & Servicing, please contact your nearest dealer, or
CLARKE International, on one of the following numbers.
PARTS & SERVICE TEL: 020 8988 7400
PARTS & SERVICE FAX: 020 8558 3622
or
e-mail as follows:
PARTS: Parts@clarkeinternational.com
SERVICE:
Service@clarkeinternational.com
e
r
u
t
a
e
F
n
o
i
t
a
c
i
f
i
c
e
p
S
s
s
a
l
c
r
e
c
u
d
e
r
e
r
u
s
s
e
r
P1
s
s
a
l
C
s
e
p
y
t
s
a
GO
C 2
n
o
g
r
A
r
o
)
1
P
(
e
r
u
s
s
e
r
p
t
e
l
n
i
x
a
Mr
a
b
-
0
3
2
)
2
P
(
e
r
u
s
s
e
r
p
t
e
l
t
u
o
x
a
Mr
a
b
-
4
e
m
u
l
o
v
w
o
l
Fh
/
3
m
1
Q
e
z
i
S
e
g
u
a
Ga
i
d
m
m
0
5
e
z
i
s
m
g
a
r
h
p
a
i
Dm
m
5
.
8
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com