Electronic Components Datasheet Search
  English  ▼

X  

OLF249 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OLF249
Description  Radiation Tolerant Phototransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OLF249 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OLF249 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLF249 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLF249 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Features
ISO
LINK
SCHEMATIC
PACKAGE OUTLINE
1. Measured between pins 1, 2 , 3 and 4 shorted together and pins 5, 6, 7 and 8 shorted together. TA = 25
°C and duration = 1 second.
2. Derate linearly to 125
°C free-air temperature at 0.67 mA / °C above 65°C.
3. For pulse width
≤ 1 µS, pulse repetition rate ≤ 300 pps.
4. Derate linearly to 125
°C free-air temperature at 3.0 mW / °C above 25 °C
NOTES:
OLF249
Radiation Tolerant
Phototransistor
Hermetic Surface Mount
Optocoupler
The OLF249 consists of a light emit-
ting diode optically coupled to a NPN silicon
phototransistor mounted in a 8-pin hermetic
surface mount flat pack package. The
leads can be formed to provide compliant
solder connections to the mounting sub-
strate. Electrical parameters are similar to
the JEDEC registered 4N49 optocoupler but
with much better CTR degradation charac-
teristics due to radiation exposure
Special electrical parametric selections
are availabe on request.
1
2
3
4
5
6
7
8
.015±.002
.050 BSC
.180 SQ. MAX
.200 MIN.
.004/.006
.100 MAX.
.030±.005
SEATING PLANE
1
2
6
7
CATHODE
ANODE
5
BASE
COLLECTOR
EMITTER
Hermetic SMT package
Compliant surface mounting leads
High current transfer ratio
Small package size
High reliability and rugged construction
Hi-rel screening available
Radiation tolerant


Similar Part No. - OLF249

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
More results

Similar Description - OLF249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
logo
Skyworks Solutions Inc.
OLS449 SKYWORKS-OLS449 Datasheet
325Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
OLC049 SKYWORKS-OLC049 Datasheet
307Kb / 6P
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
OLF449 SKYWORKS-OLF449 Datasheet
354Kb / 6P
Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLH1249 SKYWORKS-OLH1249 Datasheet
281Kb / 6P
Radiation-Tolerant Phototransistor Hermetic Optocoupler6
April 13, 2017
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLI249 SKYWORKS-OLI249 Datasheet
333Kb / 6P
Radiation-Tolerant, Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
OLS049 SKYWORKS-OLS049 Datasheet
258Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Surface-Mount Optocoupler
June 1, 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com