Electronic Components Datasheet Search
  English  ▼

X  

LD141DR Datasheet(PDF) 1 Page - LightGraphix

Part # LD141DR
Description  DEEP RECESSED COMPACT EXTERIOR RECESSED LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD141DR Datasheet(HTML) 1 Page - LightGraphix

  LD141DR Datasheet HTML 1Page - LightGraphix LD141DR Datasheet HTML 2Page - LightGraphix LD141DR Datasheet HTML 3Page - LightGraphix LD141DR Datasheet HTML 4Page - LightGraphix LD141DR Datasheet HTML 5Page - LightGraphix LD141DR Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LD141DR
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 22 May 2026
>
Deep recessed uplight with optics set back 53mm into the body for super low glare
>
High-power E3 engine with NICHIA LED delivering up to 440lm at 500mA
>
Available in a wide range of colour temperatures from 2200K to 5000K.
>
Range of beam angles including 12°, 19°, 25°
>
Wide range of high-quality machined metal and painted bezel finishes available,
including: 316 Stainless Steel, Polished & Passivated 316 Stainless Steel,
Brass, White (RAL 9016), Black (RAL 9005), Classic Bronze (YM262E),
Gunmetal Grey (RAL 7021), Textured Mars Bronze (SX350F),
Textured Fir Green (RAL 6009) or any RAL colour
>
Optional half-moon glare shield is available
>
Fixing options include spring clips or first fix sleeve with O-rings
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available
KEY FEATURES
DIMENSIONS
For fixing dimensions please go to page 4.
Dimensions in mm
Ø64
Ø50
102
DEEP RECESSED COMPACT EXTERIOR
RECESSED LED UPLIGHT
LD
141DR
The LD141DR has been designed for exterior applications
that require super low glare, with the lens assembly recessed
51mm into the body. Compact in size, it offers a powerful
output with a large range of features. There are 2 LED engine
options available. The E3 engine delivers a high output of
626lm, 12° narrow beam, and both engines are available in
a wide range of colour temperatures from 2200K to 5000K.
Designed with a repairable light engine, the LD141DR offers
a circular, low glare, solution for a wide range of exterior rated
applications.


Similar Part No. - LD141DR

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD141DRG LIGHTGRAPHIX-LD141DRG Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141DRG-E3-350 LIGHTGRAPHIX-LD141DRG-E3-350 Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
LD141DRG-E3-500 LIGHTGRAPHIX-LD141DRG-E3-500 Datasheet
2Mb / 6P
DEEP RECESSED COMPACT TRIMLESS INTERIOR/EXTERIOR RECESSED LED UPLIGHT
21 May 2026
More results

Similar Description - LD141DR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X00X CML-1903X00X Datasheet
363Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X35X CML-1903X35X Datasheet
366Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1904X25X CML-1904X25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
Wall recessed mount
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com