Electronic Components Datasheet Search
  English  ▼

X  

LD60 Datasheet(PDF) 5 Page - LightGraphix

Part # LD60
Description  MINIATURE LED UPLIGHT AND WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD60 Datasheet(HTML) 5 Page - LightGraphix

  LD60 Datasheet HTML 1Page - LightGraphix LD60 Datasheet HTML 2Page - LightGraphix LD60 Datasheet HTML 3Page - LightGraphix LD60 Datasheet HTML 4Page - LightGraphix LD60 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LD60
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Example: LD60-C1-700/LW27/MB/316 Stainless Steel/480
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Light Engine & Drive Current
LED Colour
Beam Angle
Fixing
Finish
/
/
/
/
Data sheet issued: 8 April 2026 | Issue 1
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
1.2W LED
at 350mA
LD60-C1-350
1.7W LED
at 500mA
LD60-C1-500
Super Warm
White (2200K)
/LW22
Extra Warm
White (2700K)
/LW27
Warm White
(3000K)
/LW30
White (4000K)
- on request
/LW40
Cool White
(5000K)
/LW50
Blue
/LB
Green
/LG
Red
/LR
Amber
/LA
12° Narrow
/NB
31° Medium
/MB
48° Wide
/WB
12° x 36° Oval
/OB
C1
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a wide range of LED drivers available. Please see the downloads section of our website.
316 Stainless Steel
Polished & Passivated
316 Stainless Steel
(for marine environments)
Wet Spray
Black
(RAL 9005)
Wet Spray
Classic Bronze
(YM262E)
Wet Spray
Gunmetal Grey
(RAL 7021)
Wet Spray
White
(RAL 9016)
Wet Spray
RAL
/SC
/480
/480GT
Ambient temperature key:
55°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com