Electronic Components Datasheet Search
  English  ▼

X  

LD63 Datasheet(PDF) 1 Page - LightGraphix

Part # LD63
Description  LED Mirror light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD63 Datasheet(HTML) 1 Page - LightGraphix

  LD63 Datasheet HTML 1Page - LightGraphix LD63 Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 1
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 14 December 2021
LD63
LED Mirror light
The LD63 mirror or decorative light fitting is the LED replacement for the 10148
halogen light. It uses the very latest in LED technology giving a high power LED
output and good colour rendering with 93 CRI LED. This shallow, recessed fitting
has no projected heat and its two diffused surfaces create an even glow, making
it ideal for facial illumination. Rated IP65 as standard, the LD63 is designed
for quick and simple installation and features spring clips for hidden fixing. The
fitting is available with a choice of switch, 0-10V, DMX, Dali or mains dimmable
drivers.
Key Features
Specification
Updated with LED technology
Reduced thermal output
High power LED output
Shallow recessed fitting
Two diffused surfaces to create an even glow, perfect for facial lighting
Good colour rendering with 93 CRI LED
IP65 as standard
Hidden fixing with spring clips
Designed for simple, quick installation
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
-
-
-
-
-
-
-
-
-
-
Applications
Beam Angles
170°
LED type
1 x C1 Engine with NICHIA LED
Colour temperature
2200K / 2700K / 3000K
5000K
Drive Current (mA)
350
500
350
500
LED power* (W)
1.2W
1.7W
1.2W
1.7W
CRI (typical)
93
93
75
75
Forward voltage (V)100
3.0V
3.2V
3.0V
3.2V
Delivered Lumens (L100)**
43
59
52
71
LED lifetime
L90B5 at 90,000hrs
Materials
Machined brass body, hard anodised aluminium
heatsink & opal glass
Wiring
Comes pre-wired with 2 core 100mm lead, can
be specified with up to 10m at extra cost
IP rating
IP65
*LED wattage includes losses associated with using an 85% efficient driver
** Lumen output data applies to all colour temperatures.
IP65


Similar Part No. - LD63

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
Laser Pointer
More results

Similar Description - LD63

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
Light LED
LTW-K140SZR30 LITEON-LTW-K140SZR30 Datasheet
715Kb / 19P
Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
Light LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com