Electronic Components Datasheet Search
  English  ▼

X  

LD71M Datasheet(PDF) 1 Page - LightGraphix

Part # LD71M
Description  Miniature Adjustable Low Glare LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD71M Datasheet(HTML) 1 Page - LightGraphix

  LD71M Datasheet HTML 1Page - LightGraphix LD71M Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 1
LD71M
Miniature Adjustable Low Glare LED Downlight
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 16 June 2023
Very minimal depth and bezel diameter
Adjustable with a 25° tilt
High power for its size
High efficiency optics specially designed for LightGraphix guarantee excellent
beam spread and shape
Recessed LED position for reduced glare
Optional IP54 version for wet areas, comes with glass and gasket
Hidden spring clip fixings
Simple and fast installation
Available with Switch, 0-10V, DMX, DALI or mains dimmable drivers
-
-
-
-
-
-
-
-
-
The new LD71M is 12mm smaller in diameter than the LD71 it replaces. It is
a miniature, adjustable LED downlight, ideal for display, niches or general
downlighting effects. It is very discreet with the LED set back by 10mm to reduce
glare, with a maximum tilt of 25° and a painted bezel which can be matched to
the mounting surface. It utilises the latest LED technology with a typical CRI of
93 in warm white. IP40 as standard, but can be specified IP54 for bathrooms or
wet environments.
Applications
Beam Angles
12°, 31°, 48°
LED type
1 x C1 Engine with NICHIA LED
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Drive Current (mA)
350
500
700
LED power* (W)
1.2W
1.7W
2.4W
CRI (typical)
93
93
93
Forward voltage (V)100
3.0V
3.2V
3.4V
Delivered lumens** (L100)
112
146
196
Lumens per circuit watt
94
86
82
LED lifetime
L90B5 at 90,000hrs
Environmental
TM65:
TM66:
Available on request
2.5
Materials
Anodised & painted aluminium body, bezel
Glass
1.2mm thick borosilicate (IP54 version only)
Wiring
Comes pre-wired with 2x 200mm single core
lead, can be specified with up to 3m of single
core cable at extra cost
IP rating
IP40 standard (optional IP54)
*LED wattage includes losses associated with using an 85% efficient driver
** Lumen output data applies to all colour temperatures.
Specification
Key Features


Similar Part No. - LD71M

ManufacturerPart #DatasheetDescription
logo
NEC
LD7111 NEC-LD7111 Datasheet
57Kb / 4P
17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN
logo
Leadtrend Technology
LD7120 LEADTREND-LD7120 Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120CS LEADTREND-LD7120CS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120PS LEADTREND-LD7120PS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
More results

Similar Description - LD71M

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
DuroSite짰 Series LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
6 Adjustable LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com