Electronic Components Datasheet Search
  English  ▼

X  

MC33079 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC33079
Description  LOW NOISE QUAD OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33079 Datasheet(HTML) 3 Page - STMicroelectronics

  MC33079 Datasheet HTML 1Page - STMicroelectronics MC33079 Datasheet HTML 2Page - STMicroelectronics MC33079 Datasheet HTML 3Page - STMicroelectronics MC33079 Datasheet HTML 4Page - STMicroelectronics MC33079 Datasheet HTML 5Page - STMicroelectronics MC33079 Datasheet HTML 6Page - STMicroelectronics MC33079 Datasheet HTML 7Page - STMicroelectronics MC33079 Datasheet HTML 8Page - STMicroelectronics MC33079 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = +15V, VCC- = -15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Vo = 0V, Vic = 0V)
Tmin.
≤ Tamb ≤ Tmax.
2.5
3.5
mV
DVio
Input Offset Voltage Drift
Vic = 0V, Vo = 0V, Tmin.
≤ Tamb ≤ Tmax.
2
µV/oC
Iio
Input Offset Current (Vic =0V, VO = 0V)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
10
150
175
nA
Iib
Input Bias Current (Vic = 0V, VO = 0V)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
250
750
800
nA
Vicm
Common Mode Input Voltage Range (
∆VIO = 5mV, VO = 0V)
±13
±14
V
Avd
Large Signal Voltage Gain (RL =2k
Ω,VO = ±10V)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
90
85
100
dB
±Vopp
Output Voltage Swing (Vid =
±1V)
RL = 600
Ω
RL = 600
Ω
RL = 2.0k
Ω
RL = 2.0k
Ω
RL = 10k
Ω
RL = 10k
Ω
13.2
13.5
12.2
-12.7
14
-14.2
14.3
-14.6
-13.2
-14
V
CMR
Common Mode Rejection Ratio (Vic =
±13V)
80
100
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ /VCC- = +15V / -15V to +5V / -5V
80
105
dB
Io
Output Short Circuit Current (Vid =
±1V, Output to Ground)
Source
Sink
15
20
29
37
mA
ICC
Supply current (VO = 0V, All Amplifiers)
Tamb = +25
oC
Tmin.
≤ Tamb ≤ Tmax.
810
12
mA
SR
Slew Rate
Vi = -10V to +10V, RL =2k
Ω,CL = 100pF, AV =+1
5
7
V/
µs
GBP
Gain Bandwidth Product (f = 100kHz, RL =2k
Ω,CL = 100pF)
10
15
MHz
B
Unity Gain Bandwidth (Open loop)
9
MHz
Am
Gain Margin (RL =2k
Ω)CL = 0pF
CL = 100pF
-11
-6
dB
∅m
Phase Margin (RL =2k
Ω)CL = 0pF
CL = 100pF
55
30
Degrees
en
Equivalent Input Noise Voltage (RS = 100
Ω, f = 1kHz)
4.5
nV
√
Hz
in
Equivalent Input Noise current (f = 1kHz)
0.5
pA
√
Hz
THD
Total Harmonic Distortion
RL =2k
Ω, f = 20Hz to 20kHz, VO =3Vrms,AV = +1
0.002
%
VO1/VO2
Channel Separation (f = 20Hz to 20kHz)
120
dB
FPB
Full Power Bandwidth (VO = 27Vpp,RL =2k
Ω, THD ≤ 1%)
120
kHz
Zo
Output Impedance (VO = 0V, f = 9MHz)
37
Ω
Ri
Input Resistance (Vic = 0V)
175
k
Ω
Ci
Input Capacitance (Vic = 0V)
12
pF
MC33079
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com