Electronic Components Datasheet Search
  English  ▼

X  

MC3503 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MC3503
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3503 Datasheet(HTML) 4 Page - STMicroelectronics

  MC3503 Datasheet HTML 1Page - STMicroelectronics MC3503 Datasheet HTML 2Page - STMicroelectronics MC3503 Datasheet HTML 3Page - STMicroelectronics MC3503 Datasheet HTML 4Page - STMicroelectronics MC3503 Datasheet HTML 5Page - STMicroelectronics MC3503 Datasheet HTML 6Page - STMicroelectronics MC3503 Datasheet HTML 7Page - STMicroelectronics MC3503 Datasheet HTML 8Page - STMicroelectronics MC3503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
MC3303 - MC3403 - MC3503
Unit
Min.
Typ.
Max.
∅m
Phase Margin
60
Degrees
DVIO
Input Offset Voltage Drift
Tmin.
≤ Tamb ≤ Tmax.
10
µV/oC
DIIO
Input Offset Current Drift
Tmin.
≤ Tamb ≤ 25oC50
pA/
oC
VO1/V02
Channel Separation
120
dB
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, VCC– = Ground, Tamb = 25oC (unless otherwise specified)
Symbol
Parameter
MC3303 - MC3403 - MC3503
Unit
Min.
Typ.
Max.
VIO
Input Offset Voltage (RS
≤ 10kΩ)
Tamb = 25
°C
Tmin
≤ Tamb ≤ Tmax
15
6
mV
IIO
Input Offset Current
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
250
200
nA
Iib
Input Bias Current
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
40
500
800
nA
Avd
Large Signal Voltage Gain (VO = 1.4 to 2.4V, RL = 2k
Ω)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
10
5
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS
≤ 10kΩ)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
77
77
90
dB
ICC
Supply Current (All Amp)
MC3503
2.5
7
4
mA
Vopp
Output Voltage Range (RL = 10k
Ω)
VCC = +5V
+5 < VCC
≤ +30V
3.3
VCC
+-2V
3.5
VCC
+-1.7V
V
MC3303 - MC3403 - MC3503
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com