Electronic Components Datasheet Search
  English  ▼

X  

MMA200 Datasheet(PDF) 2 Page - Clarke International

Part # MMA200
Description  MMA/TIG INVERTER WELDERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

MMA200 Datasheet(HTML) 2 Page - Clarke International

  MMA200 Datasheet HTML 1Page - Clarke International MMA200 Datasheet HTML 2Page - Clarke International MMA200 Datasheet HTML 3Page - Clarke International MMA200 Datasheet HTML 4Page - Clarke International MMA200 Datasheet HTML 5Page - Clarke International MMA200 Datasheet HTML 6Page - Clarke International MMA200 Datasheet HTML 7Page - Clarke International MMA200 Datasheet HTML 8Page - Clarke International MMA200 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Welder. Before attempting to operate
the machine it is essential that you read this manual thoroughly and carefully
follow all instructions given. In doing so you will ensure the safety of yourself
and that of others around you, and you can also look forward to the welder
giving you long and satisfactory service.
When unpacking, any damage or deficiency should be reported to your
CLARKE dealer immediately.
PRINCIPLES OF THE MACHINE
Manual Metal Arc (MMA) welding uses a coated consumable electrode
(stick) to lay the weld, therefore an additional welding torch kit is not required.
The arc melts the core of the electrode to produce drops of molten metal
(weld pool) that cool to create the welded joint. Because of the versatility and
simplicity of MMA welding, it requires less skill and is used primarily to weld iron
and steel (including stainless steel. but nickel and copper can also be welded
using this method.
This machine is designed to be used for both metal ARC (MMA) and TIG
welding. (TIG welding leads are not supplied with the machine. These are
however, readily available from your CLARKE dealer (Part number 6012233).
SUITABILITY
MAIN DESIGN FEATURES
MMA/Arc Welding
Carbon Steel, Low Alloy Steel, Stainless Steel, Cast
Iron.
TIG Welding
Carbon Steel, Low Alloy Steel, Stainless Steel, Cast
Iron, Titanium, Copper + Brass.
ARC-FORCE
Automatically increases the current to prevent the
electrode sticking when operating with a short arc
length.
HOT START
Increases the welding current at the beginning of
the welding process.
ANTI-STICK
The electrode can be easily withdrawn without it
becoming damaged.
VOLTAGE REDUCTION
SAFETY DEVICE (VRD)
Reduces open circuit voltage when not in use to pre-
vent accidental injury



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com