Electronic Components Datasheet Search
  English  ▼

X  

MKT366 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MKT366
Description  Metallized polyester film capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKT366 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MKT366 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKT366 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1999 Apr 29
80
BC Components
Product specification
Metallized polyester film capacitors
MKT 365
COMPOSITION OF CATALOGUE NUMBER
TYPE AND PITCHES
365
5.0 mm
TYPE
PACKAGING
LEAD CONFIGURATION
C-TOL
63 V
100 V
250 V
400 V
365
ammopack
kinked leads;
H
= 16.0 mm; P0 = 12.7 mm
±10%
75
85
−
−
±5%
76
86
−
−
bent back kinked leads;
H
= 16.0 mm; P0 = 12.7 mm
±10%
15
25
45
55
±5%
16
26
46
56
taped on reel
kinked leads;
H
= 16.0 mm; P0 = 12.7 mm
±10%
71
81
−
−
±5%
72
82
−
−
bent back kinked leads;
H
= 16.0 mm; P0 = 12.7 mm
±10%
11
21
41
51
±5%
12
22
42
52
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
2222
365
XX XX X
Example:
104
= 10 × 10 = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com