Electronic Components Datasheet Search
  English  ▼

X  

6000660 Datasheet(PDF) 13 Page - Clarke International

Part # 6000660
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6000660 Datasheet(HTML) 13 Page - Clarke International

Back Button 6000660 Datasheet HTML 9Page - Clarke International 6000660 Datasheet HTML 10Page - Clarke International 6000660 Datasheet HTML 11Page - Clarke International 6000660 Datasheet HTML 12Page - Clarke International 6000660 Datasheet HTML 13Page - Clarke International 6000660 Datasheet HTML 14Page - Clarke International 6000660 Datasheet HTML 15Page - Clarke International 6000660 Datasheet HTML 16Page - Clarke International 6000660 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
THE CONTROL PANEL
1. Wire speed control knob. As a general rule, a higher current requires a
higher wire speed.
2. Current setting switches MIN-MAX & 1-2. Used together, these two switches
provide 4 increasing power levels as follows:
•MIN-1
•MIN-2
•MAX-1
•MAX-2
3. Power ON/OFF switch. When the power is ON the green switch will be
illuminated. When the welder is no longer required, the Power On/Off switch
should be switched to the OFF position and the plug should be disconnected
from the mains supply.
4. Thermal overload light. If the duty cycle is exceeded as a result of welding
for too long with a high current, the overload light will illuminate and the
welder will turn off. When the welder has cooled down (approx. 5 to 10
minutes), the power will be restored and welding can recommence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com