Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 12 Page - Clarke International

Part # GWH3
Description  200A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 12 Page - Clarke International

Back Button GWH3 Datasheet HTML 8Page - Clarke International GWH3 Datasheet HTML 9Page - Clarke International GWH3 Datasheet HTML 10Page - Clarke International GWH3 Datasheet HTML 11Page - Clarke International GWH3 Datasheet HTML 12Page - Clarke International GWH3 Datasheet HTML 13Page - Clarke International GWH3 Datasheet HTML 14Page - Clarke International GWH3 Datasheet HTML 15Page - Clarke International GWH3 Datasheet HTML 16Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
4. Switch ON using the switch
located on the rear panel.
• The display on the front panel
will come on and show the
current setting in amps.
•
If the machine stops at any time
and the thermal overload
indicator comes ON, the thermal
overload device has intervened.
Wait until the welder has cooled
sufficiently (the thermal overload indicator goes out) before restarting
work.
5. Set the required current using the
current selector.
• With practice you will gain a
feel for the correct current
setting for different welding rod
thicknesses.
VRD-VOLTAGE REDUCTION DEVICE
The VRD is a safety feature that It is also known as “Anti-shock”.
Its function is to lower the open circuit voltage across the output terminals to a
safe 12V when the welder is not in use.
As soon as the welder is used (a load
of 200 ohms or less is detected), the
voltage will increase to the full output
to enable welding to commence.
The “VRD” will only turn the output of
the welder back to a reduced output
state of 12 volts once the electrode Is
removed from the work piece or If
the resistance across the output rises
above 200 ohms.
If you wish to turn off this feature, set the VRD switch on the front panel to OFF.
We recommend that you leave it switched ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com