Electronic Components Datasheet Search
  English  ▼

X  

6000643 Datasheet(PDF) 37 Page - Clarke International

Part # 6000643
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6000643 Datasheet(HTML) 37 Page - Clarke International

Back Button 6000643 Datasheet HTML 32Page - Clarke International 6000643 Datasheet HTML 33Page - Clarke International 6000643 Datasheet HTML 34Page - Clarke International 6000643 Datasheet HTML 35Page - Clarke International 6000643 Datasheet HTML 36Page - Clarke International 6000643 Datasheet HTML 37Page - Clarke International 6000643 Datasheet HTML 38Page - Clarke International 6000643 Datasheet HTML 39Page - Clarke International 6000643 Datasheet HTML 40Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
37
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
WELDING CONSUMABLES/ACCESSORIES
The following are some of the accessories available from your CLARKE dealer
including Gas Regulator, Anti-spatter Spray, Swan Necks, Torch Shrouds & Torch
Liners. Please quote the part numbers shown below:
Part
Description
Part No
Comment
Welding Wire
Spools
Flux cored mild steel (mini
spool) 0.9mm
8132110 Use for no gas welding
Mild steel (mini) - 0.6mm
8132100 Use for gas welding
Mild steel (mini) - 0.8mm
8132070 Use for gas welding
Stainless 0.8mm (mini spool)
8132090
Welding Gas
CO2 (250g)
6000642 For welding mild steel
CO2 (600g)
6000643 For welding mild steel
Argon
6000661 For aluminium/stainless
CO2/Argon Mix
6000660 For welding stainless/thin
sheet mild steel
Welding Tips
0.6 mm (pack of 5)
8132260
0.8 mm (pack of 5)
8132270
1.0 mm (pack of 5)
8132275
Arc Welding Rods 1.6 x 300mm
3050590
2.0 x 350mm
3050592
2.5 x 350mm
3050594
3.25 x 350mm
3050596
Welding Rods
4.0 x 400mm E6013
3050598
Welding Torch
TIG Welding Torch Assembly
6012236
Regulator
Argon Gas Regulator
8134140
Headshield
Model
Arc
Activated
Grinding
function
Solar
Powered
Fixed
Shade
Flip Up
Part
Number
GWH4
X
X
X
6000706
GWH5
X
X
X
6000707
GWH6
X
X
X
6000708
GWH7
X
X
X
6000709
GWH8
X
X
X
6000714
PG4
X
X
X
6000716
HS1
X
X
6000700
HSF1
X
X
6000705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com