Electronic Components Datasheet Search
  English  ▼

X  

6000660 Datasheet(PDF) 40 Page - Clarke International

Part # 6000660
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6000660 Datasheet(HTML) 40 Page - Clarke International

Back Button 6000660 Datasheet HTML 36Page - Clarke International 6000660 Datasheet HTML 37Page - Clarke International 6000660 Datasheet HTML 38Page - Clarke International 6000660 Datasheet HTML 39Page - Clarke International 6000660 Datasheet HTML 40Page - Clarke International 6000660 Datasheet HTML 41Page - Clarke International 6000660 Datasheet HTML 42Page - Clarke International 6000660 Datasheet HTML 43Page - Clarke International 6000660 Datasheet HTML 44Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONSUMABLES
The following are some of the accessories available from your CLARKE dealer. Please
quote the part numbers shown below:
A Gas Regulator, Arc Activated Headshields, Anti-spatter Spray, Swan Necks, Torch
Shrouds and Torch Liner are also available from your CLARKE dealer or our parts
division.
Part
Description
Part
number
Comment
Welding Wire
Spools
Flux cored mild steel (mini
spool) 0.9mm
8132110
Use for no gas welding
Mild steel (mini) - 0.8mm
8132070
Use for gas welding
Stainless Steel 0.8mm (mini
spool)
8132090
Welding Gas
CO2 (250g)
6000642
For welding mild steel
CO2 (600g)
6000643
For welding mild steel
Argon
6000661
For aluminium/stainless
CO2/Argon Mix
6000660
For welding stainless/
thin sheet mild steel
Welding Tips
0.8 mm (pack of 5)
8132270
1.0 mm (pack of 5)
8132275
Arc Welding
Rods
1.6 x 300mm
3050590
2.0 x 350mm
3050592
2.5 x 350mm
3050594
3.25 x 350mm
3050596
Welding Rods
4.0 x 400mm E6013
3050598
Welding Torch
Welding Torch Assembly
(MMA/TIG)
6012232
Regulator
Argon Gas Regulator
8134140
Welding Apron
6000920
Gauntlets
Leather (EN407 rated)
8133492
Welding screen
WSC2 and replaacement
screen
6000945
6000910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com