Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 3 Page - Clarke International

Part # GWH4
Description  AC/DC TIG WELDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 3 Page - Clarke International

  GWH4 Datasheet HTML 1Page - Clarke International GWH4 Datasheet HTML 2Page - Clarke International GWH4 Datasheet HTML 3Page - Clarke International GWH4 Datasheet HTML 4Page - Clarke International GWH4 Datasheet HTML 5Page - Clarke International GWH4 Datasheet HTML 6Page - Clarke International GWH4 Datasheet HTML 7Page - Clarke International GWH4 Datasheet HTML 8Page - Clarke International GWH4 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PRINCIPLES OF THE MACHINE
The TIG200 Multi is an AC/DC inverter type welding machine which adopts advanced
pulse width modulation (PWM) technology and insulated gate bipolar transistor
(IGBT) to convert the power frequency to intermediate frequency, thereby replacing
the bulky in the traditional arc welding machine with a small intermediate frequency
transformer.
The power frequency (low frequency) transformer gives the machine the advantages
of small size, light weight, low noise, low power consumption and convenient
portability. The welding machine is equipped with a digital panel, which has powerful
functions and a wide range of parameter adjustment.
TIG-200 can realize the following 5 welding methods through different combinations
of the front panel selection switches:
• DC Manual Arc welding (DC MMA) ●DC Argon Arc welding (DC TIG)
• AC TIG welding (AC TIG) ●Pulse TIG welding (Pulse TIG)
• AC Pulse TIG (AC Pulse TIG)
1. DC Manual Arc Welding can choose different polarity connections according to
different electrodes.
2. DC Argon Arc Welding generally adopts DC positive connection (workpiece
connected to positive electrode, welding torch connected to negative electrode),
which has the advantages of stable and concentrated arc, less damage to the
tungsten electrode, relatively large welding current, and narrow and deep welds.
3. AC Argon Arc Welding can be achieved by adjusting the front panel cleaning effect
knob to meet the needs of cleaning the oxide film, but also to obtain the largest
penetration and the smallest tungsten loss.
4. Pulse Argon Arc Welding uses a base current to maintain the ionization channel of
the main arc, and periodically adds a high peak pulse current of the same polarity to
generate a pulse arc to melt the metal and control the droplet transfer.
5. AC Pulse Argon Arc Welding means that the pulse mode and the AC mode are
mixed, and a more perfect welding process can be obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com