Electronic Components Datasheet Search
  English  ▼

X  

HS1 Datasheet(PDF) 30 Page - Clarke International

Part # HS1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 30 Page - Clarke International

Back Button HS1 Datasheet HTML 26Page - Clarke International HS1 Datasheet HTML 27Page - Clarke International HS1 Datasheet HTML 28Page - Clarke International HS1 Datasheet HTML 29Page - Clarke International HS1 Datasheet HTML 30Page - Clarke International HS1 Datasheet HTML 31Page - Clarke International HS1 Datasheet HTML 32Page - Clarke International HS1 Datasheet HTML 33Page - Clarke International HS1 Datasheet HTML 34Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
WELDING SETTINGS TABLES
L-SHAPED BUTT WELDING
ANGLE JOINT (THIN PLATE)
FLAT FILLET WELDING LAP JOINT (THIN PLATE)
Metal
thickness
(mm)
Wire
diameter
(mm)
Root gap
Welding
current (A)
Welding
voltage (V)
Welding
speed
Gas Flow
(L/min)
Number
of
0.8
0.8 - 0.9
0
60-70
16-16.5
50-60
10
1
1.0
0.8 - 0.9
0
75-85
17-17.5
50-60
10-15
1
1.2
0.8 - 0.9
0
80-90
17-18
50-60
10-15
1
1.6
0.8 - 0.9
0
95-105
18-19
45-50
10-15
1
2.0
1.0 - 1.2
0 - 0.5
110-120
19-19.5
45-50
10-15
1
2.3
1.0 - 1.2
0.5 - 1.0
120-130
19.5-20
45-50
10-15
1
3.2
1.0 - 1.2
1.0 - 1.2
140-150
20-21
45-50
10-15
1
4.5
1.0 - 1.2
1.0 - 1.5
140-150
22-23
40-50
15
1
6.0
1.2
1.2 - 1.5
170-185
24-26
40-50
15-20
Positive
9.0
1.2
1.2 - 1.5
320-340
32-34
40-50
15-20
Positive
Metal
thickness
(mm)
Wire
diameter
(mm)
Welding
current (A)
Welding
voltage
(V)
Welding
speed
Gap between
conductive
nozzle profiles
(mm)
Gas Flow
(L/min)
1.6
0.8-0.9
65-75
16-17
40-45
10
10-15
2.3
0.8-0.9
80 - 100
19-20
40-45
10
10-15
3.2
1.0-1.2
130 - 150
20-22
35-40
10-15
10-15
4.5
1.0-1.2
150 - 180
21-23
30-35
10-15
10-15
Metal
thickness
(mm)
Wire
diameter
(mm)
Welding
current (A)
Welding
voltage
(V)
Welding
speed
Distance between
conductive nozzle
profiles (mm)
Gas Flow
(L/min)
0.2
0.8 - 0.9
60-70
16-17
40-45
10
10-15
1.2
0.8 - 0.9
80-90
18-19
45-50
10
10-15
1.6
0.8 - 0.9
90-100
19-20
45-50
10
10-15
2.3
0.8 - 0.9
100-130
100-130
45-50
10
10-15
1.0-1.2
120-150
120-150
45-50
10
10-15
3.2
1.0 - 1.2
150-180
150-180
35-45
10 - 15
10-15
4.5
1.2
200 - 250
200 - 250 40 - 45
10 - 15
10-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com