Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 24 Page - Clarke International

Part # GWH4
Description  NO GAS INVERTER MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 24 Page - Clarke International

Back Button GWH4 Datasheet HTML 20Page - Clarke International GWH4 Datasheet HTML 21Page - Clarke International GWH4 Datasheet HTML 22Page - Clarke International GWH4 Datasheet HTML 23Page - Clarke International GWH4 Datasheet HTML 24Page - Clarke International GWH4 Datasheet HTML 25Page - Clarke International GWH4 Datasheet HTML 26Page - Clarke International GWH4 Datasheet HTML 27Page - Clarke International GWH4 Datasheet HTML 28Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONSUMABLES
The above are some of the accessories available from your CLARKE dealer. Please
quote the part numbers listed.
Part
Description
Part No
1
Welding Clamps
3-piece locking clamp set
1800103
2
Welding Magnets
2-piece clamp set for holding work still
1800117
3
Welding Gauntlets
Heat resistant, fully lined split leather
8133492
4
Welding Screen
Protects onlookers from welding arc
6000945
5
Welding Tips
1.0 mm (pack of 5)
8132275
6
Anti-splatter Spray
500ml aerosol for use with MIG welders
6000715
7
Torch Shroud
Pack of 2 for most MIG welders
8132280
8
Welding Blanket
Heat resistant with eyelets
6000924
9
Welding Apron
Manufactured from protective leather
6000920
10 Welding Wire Spools
Flux cored mild steel (mini spool) 0.9mm
8132111
11 Swan neck
Replacement for all CLARKE welders
8132290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com