Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 24 Page - Clarke International

Part # HSF1
Description  AC/DC TIG WELDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 24 Page - Clarke International

Back Button HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International HSF1 Datasheet HTML 26Page - Clarke International HSF1 Datasheet HTML 27Page - Clarke International HSF1 Datasheet HTML 28Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• This method is referred to as ‘Scratch Arc’.
11. To stop welding, simply remove the torch from the workpiece.
12. Turn off the gas as soon as you finish welding.
Notes:
• To avoid a visible strike mark on the surface of the workpiece it is advisable
to strike the arc in the joint where the mark will be concealed by the weld.
• Thin sheet and stainless steel may be welded with or without filler, similar
to gas welding.
• The filler is fed in at the edge of the pool. The rod must not touch the tip of
the electrode or enter the arc. The end of the rod must always be shielded
by the argon atmosphere to prevent as far as possible the formation of
oxides of its surface. When welding stainless steel and copper, it is often
possible to feed in the filler continuously at the edge of the pool.
• The arc length generally varies between 3 and 6 mm depending on the
type of joint, type and thickness of material and so on.
• The torch is advanced in the direction of welding, without lateral
movement, maintaining the torch angle of 45o to the workpiece.
NOTE: TIG DC welding is used for welding Aluminium and also for welding
very thin material (0.5mm - 4mm max).
It is very important, particularly when DC welding, to ensure that the workpiece is
perfectly clean immediately before proceeding to weld.
Remember that oxidation takes place very quickly with some materials, presenting a
barrier which should be avoided if a high quality weld is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com