Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 24 Page - Clarke International

Part # HSF1
Description  NO GAS MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 24 Page - Clarke International

Back Button HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International HSF1 Datasheet HTML 26Page - Clarke International HSF1 Datasheet HTML 27Page - Clarke International HSF1 Datasheet HTML 28Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
CLARKE International reserve the right to change specifications at any time
without prior notice.
DUTY CYCLE
The duty cycle determines the machine ‘down time’. i.e 10% means 1 minutes
operation followed by 9 minutes of rest. The duty cycle must be adhered to
prevent the thermal cutout protection from activating.
Do not exceed the stated duty cycle for this machine. Failure to heed this
warning may invalidate your warranty.
Model
MIG 103NG
Part No
6015615
Weight
16.65 kg
Dimensions (l x w x h) mm
420 X 192 X 362
Power Supply
230 V @ 50Hz
IP Rating
IP21S
Output Min/Max Amps
35 /90 Amps
Open Circuit Voltage
21 - 38 V DC
Rated Max Input Current; 11Max/11eff
16/7.46A
Welding wire
0.6-0.9mm
Spool capacity
1kg
Feed speed range
3M/min
Welding capacity (steel)
4mm
Duty Cycle (%)
10
60
Rated Welding Current (A)
90
35
Conventional Load Voltage (V)
18.5
15.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com