Electronic Components Datasheet Search
  English  ▼

X  

HS1 Datasheet(PDF) 13 Page - Clarke International

Part # HS1
Description  NO GAS INVERTER MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 13 Page - Clarke International

Back Button HS1 Datasheet HTML 9Page - Clarke International HS1 Datasheet HTML 10Page - Clarke International HS1 Datasheet HTML 11Page - Clarke International HS1 Datasheet HTML 12Page - Clarke International HS1 Datasheet HTML 13Page - Clarke International HS1 Datasheet HTML 14Page - Clarke International HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
THE CONTROL PANEL
1. Welding Thickness Guide. Use this
table as an initial guide to setting the
welder and adjust for the best quality
weld.
2. Power Indicator Lamp. This will
light when the power is switched on.
3. Thermal overload light. If the duty
cycle is exceeded as a result of
welding too long with a high current,
the yellow overload light will
illuminate and the welder will turn off. When the welder has cooled down (approx.
5 to 10 minutes), the power will be restored and welding can recommence.
4. Output Control Voltage. Adjust the control according to the metal thickness.
5. Wire speed control knob. As a general rule, a higher current requires a higher
wire speed.
PREPARATION FOR USE
MOUNTING THE WELDING WIRE SPOOL
NOTE: Spools of welding wire are available from your CLARKE dealer.
1. Open the side panel.
2. Remove the retaining wingnut,
washer and retaining disc.
3. Fit the spool of welding wire (not
supplied) over the spindle so that it
compresses the spring.
• DO NOT release the tension on the
wire as it will unravel causing
feeding problems later.
• The wire will feed off the spool from the top of the reel.
• The spool must be fitted with the correct orientation otherwise it will not
feed correctly.
Warning: Ensure that the welder is not connected to the mains
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com