Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 10 Page - Clarke International

Part # GWH4
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 10 Page - Clarke International

Back Button GWH4 Datasheet HTML 6Page - Clarke International GWH4 Datasheet HTML 7Page - Clarke International GWH4 Datasheet HTML 8Page - Clarke International GWH4 Datasheet HTML 9Page - Clarke International GWH4 Datasheet HTML 10Page - Clarke International GWH4 Datasheet HTML 11Page - Clarke International GWH4 Datasheet HTML 12Page - Clarke International GWH4 Datasheet HTML 13Page - Clarke International GWH4 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
This product is provided with a standard 13 amp, 230 volt (50Hz), BS 1363 plug,
for connection to a standard, domestic electrical supply. Should the plug
need changing, make sure that a plug of identical specification is used.
If the colours of the wires in the power cable do not correspond with the
markings on the terminals of your plug, proceed as follows.
• Connect the blue
wire to the terminal
marked N.
• Connect the brown
wire to the terminal
marked L.
• Connect the
Yellow and Green
wire to the terminal
marked E or
.
We recommend that this machine is connected to the mains supply via a
Residual Current Device (RCD)
If in doubt, consult a qualified electrician. DO NOT attempt any repairs
yourself.
WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS FULLY
BEFORE CONNECTING THE PRODUCT TO THE MAINS SUPPLY.
WARNING: THE WIRES IN THE CABLE ARE COLOURED AS FOLLOWS:
BLUE = NEUTRAL
BROWN = LIVE
YELLOW AND GREEN = EARTH
Plug must be BS1363/A approved.
Always fit
make sure that the outer sheath of
Neutral
(Blue)
Live
(Brown)
a 13 Amp
the cable is firmly held by the clamp
fuse.
Earth
(Green and
Yellow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com