Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 21 Page - Clarke International

Part # GWH4
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 21 Page - Clarke International

Back Button GWH4 Datasheet HTML 17Page - Clarke International GWH4 Datasheet HTML 18Page - Clarke International GWH4 Datasheet HTML 19Page - Clarke International GWH4 Datasheet HTML 20Page - Clarke International GWH4 Datasheet HTML 21Page - Clarke International GWH4 Datasheet HTML 22Page - Clarke International GWH4 Datasheet HTML 23Page - Clarke International GWH4 Datasheet HTML 24Page - Clarke International GWH4 Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
LIFT-TIG WELDING
Connect the earth clamp to the
(+) Positive terminal and the
Welding rod holder lead to the (-)
negative terminal.
2. Switch on using the switch
located on the rear panel.
3. For Flux or MMA welding, select the
appropriate welding rod and fit it into
the welding rod holder.
The following sizes can be used and are
available from your CLARKE dealer.
ROD/WIRE
DIAMETER
WORKPIECE THICKNESS
MIG
0.6 mm
1-5 mm
0.8 mm
0.9 mm
1.0 mm
MMA
1.6 mm
1.5 - 2.0 mm
2.5 mm
2.5 - 3.0 mm
3.2 mm
3.5 - 4.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com