Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 13 Page - Clarke International

Part # GWH4
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 13 Page - Clarke International

Back Button GWH4 Datasheet HTML 9Page - Clarke International GWH4 Datasheet HTML 10Page - Clarke International GWH4 Datasheet HTML 11Page - Clarke International GWH4 Datasheet HTML 12Page - Clarke International GWH4 Datasheet HTML 13Page - Clarke International GWH4 Datasheet HTML 14Page - Clarke International GWH4 Datasheet HTML 15Page - Clarke International GWH4 Datasheet HTML 16Page - Clarke International GWH4 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OVERVIEW
The MIG150 Multi- welder is fitted with the following features:
1
Digital Current meter (A)
9
Welding voltage selector knob
2
Digital voltage display meter (V)
10
MIG torch connector
3
Power-On LED
11
Negative socket
4
Overheating LED
12
Positive socket
5
2T/4T weld feed selector switch
13
On/off Switch (at rear)
6
MIG/MMA/LIFT TIG function
selector switch
14
Cylinder holding bracket
7
Wire speed selector knob
15
Gas cylinder connecting port (at
rear)
8
Inductance value selector knob



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com