Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 2 Page - Clarke International

Part # GWH3
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 2 Page - Clarke International

  GWH3 Datasheet HTML 1Page - Clarke International GWH3 Datasheet HTML 2Page - Clarke International GWH3 Datasheet HTML 3Page - Clarke International GWH3 Datasheet HTML 4Page - Clarke International GWH3 Datasheet HTML 5Page - Clarke International GWH3 Datasheet HTML 6Page - Clarke International GWH3 Datasheet HTML 7Page - Clarke International GWH3 Datasheet HTML 8Page - Clarke International GWH3 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE MIG Welder.
Before attempting to operate the machine, it is essential that you read this
manual thoroughly and carefully follow all instructions given. In doing so you
will ensure the safety of yourself and that of others around you, and you can
also look forward to the welder giving you long and satisfactory service.
MACHINE SPECIFICATIONS
CLARKE International reserve the right to change specifications at any time
without prior notice.
Model
MIG 107
Part No
6014012
Weight
22.1 kg
Dimensions (l x w x h)
460 x 260 x 380 mm
Power Supply
230 V @ 50Hz
Ingress Protection Rating
IP21S
Insulation Class
H
Output Min/Max Amps
40 /100 Amps
Open Circuit Voltage
16 - 19 V DC
Rated Max Input Current (A)
18 Amps
Maximum welding Capacity (Mild Steel)
4 mm
Output power settings
Mini1, Max1, Min2, Max 2
Welding wire diameters
MSW 0.6, 0.8, 0.9 (flux cored)
Material
Flux (no gas) / MSW (gas)
Spool capacity
1kg/5kg
Feed speed
11m/min
Max material welding thickness
Aluminium - No
Steel;- MIG 0.8 - 4mm
Others;-MIG 0.8 - 4mm
Earth cable length
1600mm
Torch cable length
1800mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com