Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 3 Page - Clarke International

Part # GWH2
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 3 Page - Clarke International

  GWH2 Datasheet HTML 1Page - Clarke International GWH2 Datasheet HTML 2Page - Clarke International GWH2 Datasheet HTML 3Page - Clarke International GWH2 Datasheet HTML 4Page - Clarke International GWH2 Datasheet HTML 5Page - Clarke International GWH2 Datasheet HTML 6Page - Clarke International GWH2 Datasheet HTML 7Page - Clarke International GWH2 Datasheet HTML 8Page - Clarke International GWH2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS FOR ALL TYPES OF WELDING
FAILURE TO FOLLOW THESE RULES MAY RESULT IN SERIOUS PERSONAL INJURY
GENERAL PRECAUTIONS
A) BURN PREVENTION
Wear protective clothing - gauntlet gloves designed for use in welding, apron,
and protective shoes. Button shirt collars and pocket flaps and wear cuffless
trousers to avoid entry of sparks and slag. Wear a helmet with safety goggles
or glasses with side shields underneath, incorporating appropriate filter lenses
or plates (protected by clear glass). This is a MUST for welding (and chipping)
to protect the eyes from radiant energy and spatter. Replace the cover glass
when broken, pitted, or spattered. Avoid oily or greasy clothing as a spark may
ignite them. Hot metal should never be handled without gloves. First aid
facilities and a qualified first aid person should be available unless medical
facilities are close by, for immediate treatment of flash burns of eyes and skin
burns. Ear plugs should be worn when working overhead or in a confined
space. A hard hat should be worn when others work overhead. Flammable
hair preparations should not be used by persons intending to weld or cut.
NOTE: ALL protective wear including masks & head shields MUST comply
with PPE Directive 89/686/EEC.
B) TOXIC FUME PREVENTION
Severe discomfort, illness or death can result from fumes, vapours, heat, or
oxygen enrichment or depletion that welding (or cutting) may produce.
Prevent them with adequate ventilation. NEVER ventilate with oxygen. Lead,
cadmium, zinc, mercury and beryllium bearing materials, when welded (or
cut), may produce harmful concentrations of toxic fumes. Adequate local
exhaust ventilation must be used, or each person in the area as well as the
operator must wear an air-supplied respirator. For beryllium, both must be
used. Metals coated with or containing materials that emit toxic fumes should
not be heated unless any coating is removed from the work surface, the area
is well ventilated, or the operator wears an air-supplied respirator. Work in a
confined space only while it is being force ventilated and, if necessary, while
wearing an air-supplied respirator. Vapours from chlorinated solvents can be
decomposed by the heat of the arc (or flame) to form PHOSGENE, a highly
toxic gas, and other lung and eye irritating products. The ultraviolet (radiant)
energy of the arc can also decompose trichloroethylene and
WARNING: AS WITH ALL MACHINERY, THERE ARE CERTAIN HAZARDS
INVOLVED WITH THEIR OPERATION AND USE. EXERCISING RESPECT AND
CAUTION WILL CONSIDERABLY LESSEN THE RISK OF PERSONAL INJURY.
HOWEVER, IF NORMAL SAFETY PRECAUTIONS ARE OVERLOOKED, OR
IGNORED, PERSONAL INJURY TO THE OPERATOR MAY RESULT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com