Electronic Components Datasheet Search
  English  ▼

X  

HS1 Datasheet(PDF) 14 Page - Clarke International

Part # HS1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 14 Page - Clarke International

Back Button HS1 Datasheet HTML 10Page - Clarke International HS1 Datasheet HTML 11Page - Clarke International HS1 Datasheet HTML 12Page - Clarke International HS1 Datasheet HTML 13Page - Clarke International HS1 Datasheet HTML 14Page - Clarke International HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International HS1 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
THE CONTROL FUNCTIONS
1. Digital Current display meter (A)
• Displays amperage being drawn by the machine.
2. Digital voltage display meter (V)
• Displays voltage being drawn by the machine.
3. Power-On LED
• When the power is switched on at the back of the machine the switch will be
illuminated, as will the green ‘Power On’ LED.
4. Thermal overload LED
• If the duty cycle is exceeded as a result of welding for too long with a high
current, the overload light will illuminate and the welder will turn off. When the
welder has cooled down (approx. 5 to 10 minutes), the power will be restored and
welding can recommence.
5. Wire Feed Selector Switch
• 2-Step Welding Mode. In 2-step welding mode the torch operates in the normal
way. When the torch trigger is pressed and held, both the wire and the gas are
continuously supplied. When the trigger is released, the flow of gas and wire
ceases.
• 4-Step Welding Mode. In 4-step welding mode, long welds can be executed
without having to continuously hold down the torch trigger. To activate this mode,
press and release the torch trigger to initiate the continuous supply of both the
wire and the gas. At the end of the weld, press and release the trigger again to
cut off the supply of wire and gas.
6. MIG/MMA/LIFT TIG function selector switch
• 3-position switch to select either the standard welding torch, rod welding using
the rod/clamp holder.
7. Wire speed control
• A higher current requires a higher wire speed. Wire speed should be set based
upon the table on page 32.
8. Inductance value control knob
• Set this control to either HARD or SOFT according to whether the weld being
formed is narrow and requiring more penetration (turn left for Hard) or for wide
and shallower (turn control to the right). The icons indicate which is appropriate.
9. Welding voltage selector knob
• Increase the welding voltage according to the welding task being performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com