Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 21 Page - Clarke International

Part # HSF1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 21 Page - Clarke International

Back Button HSF1 Datasheet HTML 17Page - Clarke International HSF1 Datasheet HTML 18Page - Clarke International HSF1 Datasheet HTML 19Page - Clarke International HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
increased. Therefore, once the ideal speed is achieved by fine
tuning, it should not be necessary to adjust this control when the
welding current is changed.
NOTE: Listen to the sound made. An irregular crackling sound denotes
too high a wire speed. Decrease the speed until a regular, strong
buzzing sound is heard.
THERMAL OVERLOAD
The ‘Thermal Overload’ shuts off the
welder when it becomes too hot,
due to the duty cycle being
exceeded. This is to prevent any
damage to the machine.
When this occurs, the warning lamp
shown will light up. Allow the welder
to cool until the amber light
extinguishes before resuming work.
DUTY CYCLE
This welder is covered by regulations where the duty cycle is expressed as a
percentage of time the machine may be used in a given period for a
specified welding current.
e.g. when welding at 40 amps the machine may be used for 6 minutes (60%)
in any 10 minute period.
The duty cycle determines the machine ‘down time’. i.e 10% means 1 minutes
operation followed by 9 minutes of rest. The duty cycle must be adhered to, to
prevent the thermal cutout protection from activating.
Do not exceed the stated duty cycle for this machine. Failure to heed this
warning may invalidate your warranty.
Duty Cycle (%)
10
60
Rated Welding Current (A)
100
40
Conventional Load Voltage (V)
19
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com