Electronic Components Datasheet Search
  English  ▼

X  

LSIC2SD120D10A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LSIC2SD120D10A
Description  SiC Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LSIC2SD120D10A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LSIC2SD120D10A Datasheet HTML 1Page - Inchange Semiconductor Company Limited LSIC2SD120D10A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISS5058
eq
LSIC2SD120D10A
SiC Schottky Rectifier
www.iscsemi.com
1
DESCRIPTION
· Excellent surge capability
· 175℃ maximum operating junction temperature
APPLICATIONS
· Solar inverters
· Battery chargers
· High speed rectifier
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
1200
V
IF
Continuous Forward Current
TC= 25℃
32
A
TC= 135℃
15
TC= 154℃
10
IFSM
Non-repetitive Forward Surge Current
tp=10 ms, Half sine pulse
80
A
I2t
tp= 10 ms, Half sine pulse
32
A2S
Ptot
Power Dissipation
150
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃
/W


Similar Part No. - LSIC2SD120D10A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSIC2SD120A05 LITTELFUSE-LSIC2SD120A05 Datasheet
872Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120A08 LITTELFUSE-LSIC2SD120A08 Datasheet
835Kb / 5P
These diodes series are ideal for applications where im-provements in efficiency, reliability, and thermal manage-ment are desired
LSIC2SD120A10 LITTELFUSE-LSIC2SD120A10 Datasheet
879Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120A15 LITTELFUSE-LSIC2SD120A15 Datasheet
823Kb / 5P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability, and a maximum operating junction temperature of 175 째C.
LSIC2SD120A20 LITTELFUSE-LSIC2SD120A20 Datasheet
826Kb / 5P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability and a maximum operating junction temperature of 175 째C
More results

Similar Description - LSIC2SD120D10A

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK45MLET12SCP SEMIKRON-SK45MLET12SCP Datasheet
275Kb / 4P
SiC Power MOSFET and SiC Schottky
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com