Electronic Components Datasheet Search
  English  ▼

X  

LD10236 Datasheet(PDF) 1 Page - LightGraphix

Part # LD10236
Description  HIGH-POWER DOUBLE OUTPUT HIGH-POWER DOUBLE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD10236 Datasheet(HTML) 1 Page - LightGraphix

  LD10236 Datasheet HTML 1Page - LightGraphix LD10236 Datasheet HTML 2Page - LightGraphix LD10236 Datasheet HTML 3Page - LightGraphix LD10236 Datasheet HTML 4Page - LightGraphix LD10236 Datasheet HTML 5Page - LightGraphix LD10236 Datasheet HTML 6Page - LightGraphix LD10236 Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LD10236
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 7 | Data sheet issued: 20 May 2026
For fitting dimensions please go to page 4.
>
E3 engine featuring NICHIA LEDs, delivering up to 986 lumens (x2 LEDs) in 3000K
with 2-step binning and built in reverse polarity protection
>
Available with F1, RGBW and Tunable White LED engines and optional 2nd channel
LEDs for secondary lighting applications
>
Features two LEDs pointing up and down, recessed in a matt black anodised body
for reduced glare
>
Range of beam angles including a narrow 12° spot for lighting columns and arches,
or a 15°x 49° spreader lens, which is ideal for wall washing applications
>
Single optic with matt black inner baffle produces a very consistent beam with no
multiple shadows
>
Body is a machined solid billet of aluminium
>
Paint finishes include: White (RAL 9016), Silver, Anthracite Grey (RAL 7016), Black
(RAL 9005), Antique Bronze, Satin Antique Brass, Satin Brass or any RAL finish
>
Discreet fixing with two grub screws behind the body
>
Available with Switched, 0-10V, Casambi, DMX, Dali or Mains dimmable driver
KEY FEATURES
Dimensions in mm
DIMENSIONS
85
Ø65
88
150
HIGH-POWER DOUBLE OUTPUT
SURFACE MOUNTED WALL WASHER
The LD10236 is a powerful double output surface mounted
fitting, designed for interior and exterior wall washing
applications. It can be specified with a wide range of options
allowing it to suit most project requirements. Available LED
engines include E3, CLR, Tunable White, RGBW and F1, which
offer a range of colour temperatures between 2200K-5000K,
with multiple beam angles and paint finishes to choose
from. The fitting emits a beam at both the top and bottom
and houses a matt black inner baffle with two recessed
LEDs that are held in place by anti-glare rings for a low
glare illumination. The LD10236 body is a machined billet of
aluminium offering a robust and minimal design with a large
selection of paint finishes available as well as discreet fixing
options, that will allow it to blend into many environments.
This is a very tough, high quality fitting, machined from high
grade materials, ensuring excellent thermal and light output
performance.
LD10236


Similar Part No. - LD10236

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD10236-CLR-500 LIGHTGRAPHIX-LD10236-CLR-500 Datasheet
1Mb / 5P
HIGH-POWER RECESSED INTERIOR/EXTERIOR FLOOR WASHER
21 May 2026
LD10236-RGBW-350 LIGHTGRAPHIX-LD10236-RGBW-350 Datasheet
1Mb / 5P
HIGH-POWER RECESSED INTERIOR/EXTERIOR FLOOR WASHER
21 May 2026
LD10236-RGBW-500 LIGHTGRAPHIX-LD10236-RGBW-500 Datasheet
1Mb / 5P
HIGH-POWER RECESSED INTERIOR/EXTERIOR FLOOR WASHER
21 May 2026
LD10236-TW-350 LIGHTGRAPHIX-LD10236-TW-350 Datasheet
1Mb / 5P
HIGH-POWER RECESSED INTERIOR/EXTERIOR FLOOR WASHER
21 May 2026
More results

Similar Description - LD10236

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE7710N1 MARKTECH-MTE7710N1 Datasheet
123Kb / 2P
High Output Power
MTE9087NJ MARKTECH-MTE9087NJ Datasheet
124Kb / 2P
High Output Power
MTPS3085P MARKTECH-MTPS3085P Datasheet
173Kb / 1P
High Output Power
MT511 MARKTECH-MT511 Datasheet
92Kb / 2P
High Output Power
logo
STMicroelectronics
AN3290 STMICROELECTRONICS-AN3290 Datasheet
3Mb / 34P
Reference design for double output SMPS for power line
26-Apr-2011
logo
IK Semicon Co., Ltd
ILA1519B IKSEMICON-ILA1519B Datasheet
356Kb / 9P
High output power
logo
KODENSHI_AUK CORP.
HPI215 KODENSHI-HPI215 Datasheet
135Kb / 2P
High-output power
logo
Marktech Corporate
MTSM395UV4-F10116 MARKTECH-MTSM395UV4-F10116 Datasheet
3Mb / 8P
Super high power output
MTSM395UV-D5120 MARKTECH-MTSM395UV-D5120 Datasheet
2Mb / 9P
Super high power output
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
Double Coil High Output Current Fan Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com