Electronic Components Datasheet Search
  English  ▼

X  

LD10237 Datasheet(PDF) 1 Page - LightGraphix

Part # LD10237
Description  HIGH-POWER SURFACE MOUNTED WALL WASHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD10237 Datasheet(HTML) 1 Page - LightGraphix

  LD10237 Datasheet HTML 1Page - LightGraphix LD10237 Datasheet HTML 2Page - LightGraphix LD10237 Datasheet HTML 3Page - LightGraphix LD10237 Datasheet HTML 4Page - LightGraphix LD10237 Datasheet HTML 5Page - LightGraphix LD10237 Datasheet HTML 6Page - LightGraphix LD10237 Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LD10237
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 7 | Data sheet issued: 21 May 2026
For fitting dimensions please go to page 4.
>
E3 engine featuring a NICHIA LED delivering up to 653 lumens with 2-step binning
and built in reverse polarity protection
>
Available with F1, RGBW, CLR and Tunable White LED engines and optional 2nd
channel LEDs for secondary lighting applications
>
Range of beam angles featuring a narrow 12° spot for lighting columns and arches,
or a 15°x 49° spreader lens, which is ideal for wall washing applications
>
Single light source and optic produces a very consistent beam with no multiple
shadows
>
LED and lens set back in a matt black anodised body for reduced glare
>
Body is a machined solid billet of aluminium
>
Paint finishes include: White (RAL 9016), Silver, Anthracite Grey (RAL 7016), Black
(RAL 9005), Antique Bronze, Satin Antique Brass, Satin Brass or any RAL finish
>
Discreet fixing with two grub screws behind the body
>
Available with Switched, 0-10V, Casambi, DMX, Dali or Mains dimmable drivers
KEY FEATURES
Dimensions in mm
DIMENSIONS
85
Ø65
88
115
HIGH-POWER SURFACE MOUNTED
WALL WASHER
The LD10237 is a powerful interior and exterior, surface
mounted product, designed for wall washing applications,
that dependant on its chosen orientation, can illuminate
the surface up or downwards. It can be specified with
a wide range of options allowing it to suit most project
requirements. Available LED engines include E3, Tunable
White, CLR, RGBW and F1 which offer a range of colour
temperatures between 2200K-5000K, with multiple beam
angles to choose from. The LD10237 body is a machined
billet of aluminium offering a robust and minimal design
in numerous paint finishes with discreet fixing options
available. Low glare illumination has been achieved by
recessing the LED into the body, which is then held in place
by anti-glare rings. This is a very tough, high quality fitting,
machined from high grade materials, ensuring excellent
thermal and light output performance.
LD10237


Similar Part No. - LD10237

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD10235 LIGHTGRAPHIX-LD10235 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10235-E3-350 LIGHTGRAPHIX-LD10235-E3-350 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10235-E3-500 LIGHTGRAPHIX-LD10235-E3-500 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10235-E3-700 LIGHTGRAPHIX-LD10235-E3-700 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10236 LIGHTGRAPHIX-LD10236 Datasheet
3Mb / 7P
HIGH-POWER DOUBLE OUTPUT HIGH-POWER DOUBLE OUTPUT
20 May 2026
More results

Similar Description - LD10237

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
60W AC-DC High Reliability Slim Wall-mounted Adaptor
logo
Ledil, Inc.
C14346 LEDIL-C14346 Datasheet
17Mb / 19P
Asymmetric wall-washer beam
logo
EnOcean GmbH.
EOSWA ENOCEAN-EOSWA Datasheet
198Kb / 2P
Occupancy Sensor Wall Mounted
v2.3 2022
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com