Electronic Components Datasheet Search
  English  ▼

X  

33078 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 33078
Description  LOW NOISE DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

33078 Datasheet(HTML) 4 Page - STMicroelectronics

  33078 Datasheet HTML 1Page - STMicroelectronics 33078 Datasheet HTML 2Page - STMicroelectronics 33078 Datasheet HTML 3Page - STMicroelectronics 33078 Datasheet HTML 4Page - STMicroelectronics 33078 Datasheet HTML 5Page - STMicroelectronics 33078 Datasheet HTML 6Page - STMicroelectronics 33078 Datasheet HTML 7Page - STMicroelectronics 33078 Datasheet HTML 8Page - STMicroelectronics 33078 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
010
20
30
0
1
2
3
4
5
Supply Voltage (V)
TOTAL SUPPLY CURRENT vs SUPPLY
VOLTAGE
0
102030
-40
-20
0
20
40
60
Output Voltage (V)
Vcc=0/30V
Tamb.=25
°C
OUTPUT SHORT CIRCUIT CURRENT vs
OUTPUT VOLTAGE
0
5
10
15
-15
-10
-5
0
5
10
15
Supply Voltage (V)
Vid=
±1V
RL=600ohms
OUTPUT VOLTAGE vs SUPPLY VOLTAGE
0
5
10
15
-15
-10
-5
0
5
10
15
Supply Voltage (V)
Vid=
±1V
RL=2kohms
OUTPUT VOLTAGE vs SUPPLY VOLTAGE
0,01
0,1
1
10
100
1
3
5
7
9
11
Frequency (kHz)
Vcc=
±15V G=100
Rs=100 Tamb.=25
°C
EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
0,01
0,1
1
10
100
0,0001
0,001
0,01
0,1
1
Frequency (kHz)
RL=2kohms Vo=3Vrms
Vcc=
±15V Av=1
THD + NOISE vs FREQUENCY
MC33078
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com