Electronic Components Datasheet Search
  English  ▼

X  

LD790 Datasheet(PDF) 3 Page - LightGraphix

Part # LD790
Description  ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD790 Datasheet(HTML) 3 Page - LightGraphix

  LD790 Datasheet HTML 1Page - LightGraphix LD790 Datasheet HTML 2Page - LightGraphix LD790 Datasheet HTML 3Page - LightGraphix LD790 Datasheet HTML 4Page - LightGraphix LD790 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIN Recess
100*
60
26
Ø54 Cut-out
Ø48.5
Ø38
Ø60
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 5 | Data sheet issued: 21 May 2026
30°
LD790
Please refer to our finishes guide for full details
AVAILABLE FINISHES
The LD790 bezel is machined from aluminium and painted in-house at LightGraphix. Wet spray paint finishes are suitable for interior, exterior and high saline marine environments. Our
standard colours are below but we can accommodate any RAL request.
SATIN ANTIQUE BRASS
SATIN BRASS
ANTHRACITE GREY (RAL 7016)
WHITE (RAL 9016)
BLACK (RAL 9005)
SILVER ANODISED
ANTIQUE BRONZE
RAL
Dimensions in mm
DIMENSIONS & FIXING OPTIONS
2 x spring clips are supplied as standard and provide a simple single-fix mounting method. Suitable for use in surfaces with a thickness of 5mm – 25mm.
*see ceiling requirements table for more information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com