Electronic Components Datasheet Search
  English  ▼

X  

LF04S-T Datasheet(PDF) 2 Page - LightGraphix

Part # LF04S-T
Description  EXTERIOR/INTERIOR LINEAR FLEXIBLE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LF04S-T Datasheet(HTML) 2 Page - LightGraphix

  LF04S-T Datasheet HTML 1Page - LightGraphix LF04S-T Datasheet HTML 2Page - LightGraphix LF04S-T Datasheet HTML 3Page - LightGraphix LF04S-T Datasheet HTML 4Page - LightGraphix LF04S-T Datasheet HTML 5Page - LightGraphix LF04S-T Datasheet HTML 6Page - LightGraphix LF04S-T Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LF10D
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 7 | Data sheet issued: 28 May 2026
WHITE LED ENGINE SPECIFICATION
TM65
Available on request
TM66
1.5
ENVIRONMENTAL
Lumen variance by CCT
2200K
-16%
2400K
-11%
2700K
-4%
3000K
0%
4000K
5%
5000K
7%
Engine
Single White
Beam angles
120°
Colour temperature*
2200K, 2400K, 2700K, 3000K, 4000K, 5000K
Typical LED Circuit Wattage/m
5W
8W
Delivered lumens (L100)*
287
461
Delivered lm/Circuit W**
57
58
Source LED lm/m
497
795
Source lm/W
99.4
99.4
Forward voltage (V100)
24V
CRI
90
Colour consistency
2 SDCM
LOR
0.58
UGR rating (‘downlight’ mounted)
21.8
BUG rating (‘downlight’ mounted)
B0-U0-G0
TM30
RF90 | RG97
LED lifetime (25° ambient)
50,000hrs
Applications
These values are based around a LF10D-930 1000mm
*See lumen variance table to the right for lumens apply across all colour temperatures
**LED wattage includes losses associated with using a 90% efficient driver
5W
8W
Ambient temperature
55°C
-20°C to 55°C
-20°C to 45°C
Minimum bend radius
Top
60mm
Side
60mm
Materials
Silicon, Copper
Weight of product (per m)
165g
IP rating
IP67
IK rating
IK06
Resistance capabilities
Flame
Salt
Solvent
UV
Cable
Pre-Wired 2 core silicon cable 1000mm*
Wiring
Parallel constant voltage wiring 24V
Max. installed length
5m
Cut increments
1mm
Cut tolerance
+/- 5mm
*Custom length on request
MECHANICAL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com